Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 64Page - Dialog Semiconductor SLG46121V Datasheet HTML 65Page - Dialog Semiconductor SLG46121V Datasheet HTML 66Page - Dialog Semiconductor SLG46121V Datasheet HTML 67Page - Dialog Semiconductor SLG46121V Datasheet HTML 68Page - Dialog Semiconductor SLG46121V Datasheet HTML 69Page - Dialog Semiconductor SLG46121V Datasheet HTML 70Page - Dialog Semiconductor SLG46121V Datasheet HTML 71Page - Dialog Semiconductor SLG46121V Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
000-0046121--106
Page 67 of 97
SLG46121
11.6 Timing Characteristics
Figure 35. Maximum Propagation Delay Low-to-High
vs. Voltage Reference at Room Temperature,
Vod = 2 mV.
Figure 36. Maximum Propagation Delay Low-to-High
vs. Voltage Reference at Room Temperature,
VDD=(1.71 – 1.89) V.
0
5
10
15
20
25
30
35
40
45
50
55
60
VOLT
VDD=
VDD=3
VDD=5
TAGE REFERENCE
1.7 V
3.3 V
5.5 V
E (mV)
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)
Figure 37. Maximum Propagation Delay High-to-Low
vs. Voltage Reference at Room Temperature,
Vod = 2 mV.
Figure 38. Maximum Propagation Delay High-to-Low
vs. Voltage Reference at Room Temperature,
VDD=(1.71 – 1.89) V.
0
5
10
15
20
25
30
35
40
45
50
55
60
VOLTA
VDD=3
VDD=5
VDD=1
GE REFERENCE (
3.3 V
5.5 V
1.7 V
(mV)
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com