Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 87Page - Dialog Semiconductor SLG46121V Datasheet HTML 88Page - Dialog Semiconductor SLG46121V Datasheet HTML 89Page - Dialog Semiconductor SLG46121V Datasheet HTML 90Page - Dialog Semiconductor SLG46121V Datasheet HTML 91Page - Dialog Semiconductor SLG46121V Datasheet HTML 92Page - Dialog Semiconductor SLG46121V Datasheet HTML 93Page - Dialog Semiconductor SLG46121V Datasheet HTML 94Page - Dialog Semiconductor SLG46121V Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
000-0046121--106
Page 90 of 97
SLG46121
reg<689>
PIN12 driver strength selection
0: 1X
1: 2X
reg<690>
Pipe delay OUT1 polarity select bit
0: Non-inverted
1: Inverted
reg<698:691>
8-bit pattern id
reg<699>
filter0 output polarity select
0: Non-inverting
1: Inverting
reg<701:700>
Reserved
Reserved
reg<702>
GPIO quick charge enable
0: Disable
1: Enable
reg<706:703>
Reserved
Reserved
reg<707>
Force bandgap on
0: Auto-mode
1: Enable
reg<708>
VREF1 Output Active Buffer Control
0: Disabled
1: Enabled
reg<711:709>
VREF1 Output Source Select
000: ACMP0 reference voltage
001: ACMP1 reference voltage
100: VDD/2
101: VDD/3
110: VDD/4
reg<712>
NVM data read disable
0: Disable (read enable)
1: Enable (read disable)
reg<713>
NVM power down (or NVM data programming disable) 0: None (or programming enable)
1: Power Down (or programming disable)
reg<714>
Power Divider Power
0: Power down
1: Power On
reg<715>
POR Auto Power detect
0: Enable
1: Disable
reg<716>
Charge pump for analog macrocell enable (when VDD
<=2.7V turn on)
0: Disable (automatic on/off control)
1: Enable (always on)
reg<717>
VDD bypass enable
0: Regulator auto on
1: Regualtor off (VDD bypass)
reg<718>
PIN2 edge detect mode
0: rising edge
1: falling edge
reg<719>
Bypass the pin2
0: PIN2 edge active
1: PIN2 high active
reg<720>
PIN2 reset enable
0: Disable
1: Enable
reg<721>
Reserved
Reserved
reg<727:722>
Reserved
Reserved
reg<735:728>
Reserved
Reserved
reg<741:736>
Reserved
Reserved
reg<743:742>
Delay value select for programmable delay & edge de-
tector (VDD = 3.3V, typical condition)
00: 163 ns
01: 305 ns
10: 446 ns
11: 588 ns
reg<745:744>
Select the edge mode of programmable delay & edge
detector
00: rising edge detector
01: falling edge detector
10: both edge detector
11: both edge delay
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com