Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 90Page - Dialog Semiconductor SLG46121V Datasheet HTML 91Page - Dialog Semiconductor SLG46121V Datasheet HTML 92Page - Dialog Semiconductor SLG46121V Datasheet HTML 93Page - Dialog Semiconductor SLG46121V Datasheet HTML 94Page - Dialog Semiconductor SLG46121V Datasheet HTML 95Page - Dialog Semiconductor SLG46121V Datasheet HTML 96Page - Dialog Semiconductor SLG46121V Datasheet HTML 97Page - Dialog Semiconductor SLG46121V Datasheet HTML 98Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
000-0046121--106
Page 96 of 97
SLG46121
23.0 Revision History
Date
Version Change
10/11/2017
1.06
Updated Electrical Spec
Fixed typos
Updated POR sequence
5/7/2017
1.05
Fixed typos
Updated Silego Website & Support
Updated Section Programmable Delay / Edge Detector
Updated Electrical Spec
5/30/2016
1.04
Updated Programmable Delay information
2/1/2016
1.03
Updated section Power On Reset
1/29/2016
1.02
Updated Silego Website & Support
Fixed typos
12/29/2015
1.01
Updated Electrical Spec
12/9/2015
1.00
Production Release
12/7/2015
0.52
Updated front page
11/19/2015
0.51
Added VDD2 information to POR section
Updated pin description
Updated Absolute maximum conditions
11/04/2015
0.50
Preliminary Release
10/28/2015
0.15
Updated Absolute maximum conditions
10/20/2015
0.14
Fixed typos
9/16/2015
0.13
Added VDD2 tables
Added Vhys, Rpup, Rpdwn, PONthr, POFFthr
Added El. Spec table for VDD = 1.8 V
8/25/2015
0.12
Updated references to VDD and VDD2
Fixed typos
Updated Front Page, Sections 1, 5, 6, 7, 8 , 9, 10, 12.
7/21/2015
0.11
Updated Electrical Characteristics
6/24/2015
0.1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com