Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 81Page - Dialog Semiconductor SLG46121V Datasheet HTML 82Page - Dialog Semiconductor SLG46121V Datasheet HTML 83Page - Dialog Semiconductor SLG46121V Datasheet HTML 84Page - Dialog Semiconductor SLG46121V Datasheet HTML 85Page - Dialog Semiconductor SLG46121V Datasheet HTML 86Page - Dialog Semiconductor SLG46121V Datasheet HTML 87Page - Dialog Semiconductor SLG46121V Datasheet HTML 88Page - Dialog Semiconductor SLG46121V Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
000-0046121--106
Page 84 of 97
SLG46121
reg<501>
Counter/delay2 mode selection
0: Delay Mode
1: Counter Mode
reg<504:502>
Counter/delay2 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
reg<512:505>
Counter/delay2 Control Data
1 - 256 (delay time = (counter control data +2) /freq )
reg <514:513>
Delay2 Mode Select or asynchronous counter reset
00: on both falling and rising edges(for delay & count-
er reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high
level reset for counter mode
reg<517>
LUT4_0 or Counter2 select
0: LUT4_0
1: Counter2
LUT4_1 or Counter/Delay3
reg<533:518>
LUT4_1 data or the following
reg<518>
Counter/delay3 mode selection
0: Delay Mode 1: Counter Mode
reg<521:519>
Counter/delay3 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
reg<529:522>
Counter/delay3 Control Data
1 - 256 (delay time = (counter control data +2) /freq )
reg<531:530>
Delay3 Mode Select or asynchronous counter reset
00: on both falling and rising edges(for delay & count-
er reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges
reg<534>
LUT4_1 or Counter3 select
0: LUT4_1
1: Counter3
RC Osc
reg<535>
Force RC oscillator on
0: Auto Power on
1: Force Power on
reg<536>
RC Oscillator frequency control
0: 25 kHz
1: 2 MHz
reg<538:537>
Osc clock pre-divider
00:div1
01:div2
10: div4
11: div8
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com