Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 72Page - Dialog Semiconductor SLG46121V Datasheet HTML 73Page - Dialog Semiconductor SLG46121V Datasheet HTML 74Page - Dialog Semiconductor SLG46121V Datasheet HTML 75Page - Dialog Semiconductor SLG46121V Datasheet HTML 76Page - Dialog Semiconductor SLG46121V Datasheet HTML 77Page - Dialog Semiconductor SLG46121V Datasheet HTML 78Page - Dialog Semiconductor SLG46121V Datasheet HTML 79Page - Dialog Semiconductor SLG46121V Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
000-0046121--106
Page 75 of 97
SLG46121
The user can select one of these fundamental frequencies for the RC OSC Macrocell, or the fundamental frequency can also
come from an external clock input (Pin 12). There are two divider stages that allow the user flexibility for introducing clock signals
on various Connection Matrix Input lines. The first stage divider (also known as the clock pre-divider) allows the selection of /1,
/2, /4 or /8 divide down frequency from the fundamental. There are two second stage divider controls (OUT0 and OUT1). Each
has its own input of one frequency from the first stage divider, and outputs two different frequencies on Connection Matrix Input
lines <30>, and <31>. See Figure 48 below for details of the frequencies for each of these two Connection Matrix Inputs.
If PWR DOWN input of oscillator is LOW, the oscillator will be turned on. If PWR DOWN input of oscillator is HIGH the oscillator
will be turned off. The PWR DOWN signal has the highest priority.
14.2 RC OSC Block Diagram
Figure 48. RC OSC Block Diagram
Internal RCO
reg <536>
0: 25 kHz
1: 2 MHz
/ 2
/ 3
/ 4
/ 8
/ 12
/ 24
/ 64
To Connection Matrix Input <30>
reg <541:539>
DIV /1/2/4/8
reg <538:537>
Clock Pre- Divider
Control
Second Stage
Divider
Pin 12 Ext. Clock
Ext. Clk Sel reg <545>
0
1
reg <544:542>
To Connection Matrix Input <31>
From Connection Matrix Output <59>
PWR DOWN
OUT0
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com