Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46121V Datasheet HTML 1Page - Dialog Semiconductor SLG46121V Datasheet HTML 2Page - Dialog Semiconductor SLG46121V Datasheet HTML 3Page - Dialog Semiconductor SLG46121V Datasheet HTML 4Page - Dialog Semiconductor SLG46121V Datasheet HTML 5Page - Dialog Semiconductor SLG46121V Datasheet HTML 6Page - Dialog Semiconductor SLG46121V Datasheet HTML 7Page - Dialog Semiconductor SLG46121V Datasheet HTML 8Page - Dialog Semiconductor SLG46121V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Silego Technology, Inc.
Rev 1.06
000-0046121--106
Revised October 11, 2017
GreenPAK
Dual Supply Programmable Mixed-signal Matrix
SLG46121
Block Diagram
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• 1.8 V (±5%) to 5 V (±10%) VDD
• 1.8 V (±5%) to 5 V (±10%) VDD2 (VDD2 ≤ VDD)
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• Pb-Free 12-pin STQFN: 1.6 x 1.6 x 0.55 mm, 0.4 mm pitch
Applications
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Data Communications Equipment
• Handheld and Portable Electronics
Pin Configuration
GND
GPIO
GPIO
GPIO
GPIO
GPIO
2
3
4
7
8
9
10
GPI
VDD
1
STQFN-12
(Top View)
5
6
11
12
3-bit
LUT3_1
or DFF5
Pin 1
VDD
Pin 2
GPI
Pin 3
GPIO
Pin 4
GPIO
Pin 12
GPIO
Pin 11
VDD2
Pin 5
GPIO
Pin 6
GPIO
Pin 8
GPIO
Pin 7
GND
Pin 10
GPIO
Pin 9
GPIO
ACMP0
ACMP1
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT1
2-bit
LUT2_4
3-bit
LUT3_5
3-bit
LUT3_4
Combination Function Macrocells
2-bit
LUT2_0
or DFF0
2-bit
LUT2_1
or DFF1
3-bit
LUT3_0
or DFF4
2bit
LUT2_3
or DFF3
2-bit
LUT2_2
or DFF2
3-bit
LUT3_8 or
Pipe Delay
3-bit
LUT3_2
or DFF6
3-bit
LUT3_3
or DFF7
4-bit
LUT4_1
or CNT3
4bit
LUT4_0
or CNT2
3-bit
LUT2_6
3-bit
LUT3_7
Vref
RC Oscillator
FILTER_0/Prog. Delay
Additional Combination
Functions
POR
Bandgap
INV_0
Additional
Logic
Functions


Similar Part No. - SLG46121V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46121V RENESAS-SLG46121V Datasheet
4Mb / 99P
GreenPAK Dual Supply Programmable Mixed-signal Matrix
March 10, 2023
SLG46121VTR RENESAS-SLG46121VTR Datasheet
4Mb / 99P
GreenPAK Dual Supply Programmable Mixed-signal Matrix
March 10, 2023
More results

Similar Description - SLG46121V

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
Inductors For Power Line Radial Televisions, VCRs, personal computers
TSL1112RA-220K2R9-PF TDK-TSL1112RA-220K2R9-PF Datasheet
41Kb / 3P
Televisions, VCRs, personal computers, and other electronic equipments.
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
logo
Infineon Technologies A...
ESD8V0L1B-02EL INFINEON-ESD8V0L1B-02EL Datasheet
616Kb / 9P
Notebooks and destop computers, peripherals
2013-02-06
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
Network servers
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
Personal Computers and Servers
SLG46170 DIALOG-SLG46170 Datasheet
616Kb / 87P
Personal Computers and Servers
SLG46722 DIALOG-SLG46722 Datasheet
412Kb / 83P
Personal Computers and Servers
logo
PHOENIX CONTACT
3750 PHOENIX-3750 Datasheet
1Mb / 17P
Universal gateways and device servers
logo
Burland Technology Solu...
BTS-PC935 BURLAND-BTS-PC935 Datasheet
5Mb / 7P
Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com