Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 45Page - Dialog Semiconductor SLG46170 Datasheet HTML 46Page - Dialog Semiconductor SLG46170 Datasheet HTML 47Page - Dialog Semiconductor SLG46170 Datasheet HTML 48Page - Dialog Semiconductor SLG46170 Datasheet HTML 49Page - Dialog Semiconductor SLG46170 Datasheet HTML 50Page - Dialog Semiconductor SLG46170 Datasheet HTML 51Page - Dialog Semiconductor SLG46170 Datasheet HTML 52Page - Dialog Semiconductor SLG46170 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
000-0046170-103
Page 48 of 86
SLG46170
12.0 Counters/Delay Generators (CNT/DLY)
There are eight configurable counters/delay generators in the SLG46170. Two of these counters/delay generators are 14-bit
(CNT/DLY 0 and 1), and six of the counters/delay generators are 8-bit (CNT/DLY 2, 3, 4, 5, 6, 7). For flexibility, each of these
macrocells has a large selection of internal and external clock sources, as well as the option to chain from the output of the
previous (N-1) CNT/DLY macrocell, to implement longer count / delay circuits.
Three of the counter/delay generator macrocells (CNT/DLY, 1,2,3) have two inputs from the connection matrix, one for Delay
Input/Reset Input (Delay_In/Reset_In), and one for an external counter/clock source. Five of the counter/delay generator macro-
cells (CNT/DLY 0, 4, 5, 6, 7) have one input from the connection matrix, which has a shared function of either a Delay Input or
an external clock input.
Figure 18. CNT/DLY0
CNT/DLY0
Counter_end
clk
To Connection Matrix Input <10>
From Connection
Matrix Output <8>
Count_end_out_x-1
reg <714>
0
1
2
3
4
5
6
7
ext. clock
RC Osc/64
RC Osc/24
RC Osc/12
RC Osc/4
RC Osc
Counter Control Data
reg <731:718>
reg <717:715>
0
1
0
1
Delay_out
Delay_IN/CNT_ext_clk
Delay_IN
CNT clock
Edge Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com