Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 68Page - Dialog Semiconductor SLG46170 Datasheet HTML 69Page - Dialog Semiconductor SLG46170 Datasheet HTML 70Page - Dialog Semiconductor SLG46170 Datasheet HTML 71Page - Dialog Semiconductor SLG46170 Datasheet HTML 72Page - Dialog Semiconductor SLG46170 Datasheet HTML 73Page - Dialog Semiconductor SLG46170 Datasheet HTML 74Page - Dialog Semiconductor SLG46170 Datasheet HTML 75Page - Dialog Semiconductor SLG46170 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
000-0046170-103
Page 71 of 86
SLG46170
reg<491:486> Matrix Out
Input for programmable delay & edge detector
reg<497:492> Matrix Out
Power down for osc
reg<503:498> Reserved
reg<509:504> Reserved
reg<515:510> Reserved
reg<521:516> Reserved
reg<527:522> Matrix Out
Pin10 Digital Output Source
reg<533:528> Matrix Out
Pin11 Digital Output Source
reg<539:534> Matrix Out
Pin12 Digital Output Source
reg<545:540> Matrix Out
Pin13 Digital Output Source
reg<551:546> Matrix Out
Pin14 Digital Output Source
reg<557:552> Matrix Out
Input of filter_0
reg<563:558> Matrix Out
Input of filter_1
reg<569:564> Matrix Out
Reserved
reg<571:570> Reserved
reg<575:572>
LUT2_0 data or
reg<572> DFF4 or Latch select
0: DFF function
1: Latch function
reg<573> DFF4 output select
0: Q output
1: nQ output
reg<574> DFF4 initial polarity select
0: Low
1: High
reg<579:576> LUT2_1 data
reg<583:580> LUT2_2 data
reg<587:584> LUT2_3 data
reg<591:588> LUT2_4 data
reg<595:592> LUT2_5 data
reg<596>
LUT2_0 or DFF4 select
0: LUT2_0
1: DFF4
reg<604:597> LUT3_0 data
reg<612:605> LUT3_1 data
reg<620:613> LUT3_2 data
reg<628:621> LUT3_3 data
reg<636:629> LUT3_4 data
reg<644:637> LUT3_5 data
reg<652:645> LUT3_6 data
reg<660:653> LUT3_7 data
reg<668:661>
LUT3_8 data or pipe number select
reg<664: 661>: OUT0 select
reg<668: 665>: OUT1 select
reg<676:669> LUT3_9 data
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com