Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 29Page - Dialog Semiconductor SLG46170 Datasheet HTML 30Page - Dialog Semiconductor SLG46170 Datasheet HTML 31Page - Dialog Semiconductor SLG46170 Datasheet HTML 32Page - Dialog Semiconductor SLG46170 Datasheet HTML 33Page - Dialog Semiconductor SLG46170 Datasheet HTML 34Page - Dialog Semiconductor SLG46170 Datasheet HTML 35Page - Dialog Semiconductor SLG46170 Datasheet HTML 36Page - Dialog Semiconductor SLG46170 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
000-0046170-103
Page 32 of 86
SLG46170
reg<227:222>
Matrix Out: In2 of LUT4_0
37
reg<233:228>
Matrix Out: In3 of LUT4_0
38
reg<239:234>
Matrix Out: In0 of LUT3_0
39
reg<245:240>
Matrix Out: In1 of LUT3_0
40
reg<251:246>
Matrix Out: In2 of LUT3_0
41
reg<257:252>
Matrix Out: In0 of LUT3_1
42
reg<263:258>
Matrix Out: In1 of LUT3_1
43
reg<269:264>
Matrix Out: In2 of LUT3_1
44
reg<275:270>
Matrix Out: In0 of LUT3_2
45
reg<281:276>
Matrix Out: In1 of LUT3_2
46
reg<287:282>
Matrix Out: In2 of LUT3_2
47
reg<293:288>
Matrix Out: In0 of LUT3_3
48
reg<299:294>
Matrix Out: In1 of LUT3_3
49
reg<305:300>
Matrix Out: In2 of LUT3_3
50
reg<311:306>
Matrix Out: In0 of LUT3_4
51
reg<317:312>
Matrix Out: In1 of LUT3_4
52
reg<323:318>
Matrix Out: In2 of LUT3_4
53
reg<329:324>
Matrix Out: In0 of LUT3_5
54
reg<335:330>
Matrix Out: In1 of LUT3_5
55
reg<341:336>
Matrix Out: In2 of LUT3_5
56
reg<347:342>
Matrix Out: In0 of LUT3_6
57
reg<353:348>
Matrix Out: In1 of LUT3_6
58
reg<359:354>
Matrix Out: In2 of LUT3_6
59
reg<365:360>
Matrix Out: In0 of LUT3_7
60
reg<371:366>
Matrix Out: In1 of LUT3_7
61
reg<377:372>
Matrix Out: In2 of LUT3_7
62
reg<383:378>
Matrix Out: In0 of LUT3_8 or Input of Pipe delay
63
reg<389:384>
Matrix Out: In1 of LUT3_8 or nRST of Pipe delay
64
reg<395:390>
Matrix Out: In2 of LUT3_8 or Clock of Pipe delay
65
reg<401:396>
Matrix Out: In0 of LUT3_9
66
reg<407:402>
Matrix Out: In1 of LUT3_9
67
reg<413:408>
Matrix Out: In2 of LUT3_9
68
reg<419:414>
Matrix Out: In0 of LUT2_0 or Clock Input of DFF4
69
reg<425:420>
Matrix Out: In1 of LUT2_0 or Data Input of DFF4
70
reg<431:426>
Matrix Out: In0 of LUT2_1
71
reg<437:432>
Matrix Out: In1 of LUT2_1
72
reg<443:438>
Matrix Out: In0 of LUT2_2
73
reg<449:444>
Matrix Out: In1 of LUT2_2
74
reg<455:450>
Matrix Out: In0 of LUT2_3
75
Table 24. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com