Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG46170 Datasheet HTML 1Page - Dialog Semiconductor SLG46170 Datasheet HTML 2Page - Dialog Semiconductor SLG46170 Datasheet HTML 3Page - Dialog Semiconductor SLG46170 Datasheet HTML 4Page - Dialog Semiconductor SLG46170 Datasheet HTML 5Page - Dialog Semiconductor SLG46170 Datasheet HTML 6Page - Dialog Semiconductor SLG46170 Datasheet HTML 7Page - Dialog Semiconductor SLG46170 Datasheet HTML 8Page - Dialog Semiconductor SLG46170 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
000-0046170-103
Page 2 of 86
SLG46170
2.0 Pin Description
2.1 Functional and Programming Pin Description
Pin #
Pin Name Function
Programming Function
1
VDD
Power Supply
Power Supply
2
GPI
General Purpose Input
VPP (Programming Voltage)
3
GPIO
General Purpose I/O
N/A
4
GPIO
General Purpose I/O
N/A
5
GPIO
General Purpose I/O
N/A
6
GPIO
General Purpose I/O
N/A
7
GPIO
General Purpose I/O
N/A
8
GPIO
General Purpose I/O
N/A
9
GND
Ground
Ground
10
GPIO
General Purpose I/O
Programming Mode Control
11
GPIO
General Purpose I/O
Programming ID Pin
12
GPIO
General Purpose I/O
Programming SDIO Pin
13
GPIO
General Purpose I/O
Programming SRDWB Pin
14
GPIO
General Purpose I/O or External Clock
Programming SCL Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com