Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 80 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 80 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 76Page - Dialog Semiconductor SLG46170 Datasheet HTML 77Page - Dialog Semiconductor SLG46170 Datasheet HTML 78Page - Dialog Semiconductor SLG46170 Datasheet HTML 79Page - Dialog Semiconductor SLG46170 Datasheet HTML 80Page - Dialog Semiconductor SLG46170 Datasheet HTML 81Page - Dialog Semiconductor SLG46170 Datasheet HTML 82Page - Dialog Semiconductor SLG46170 Datasheet HTML 83Page - Dialog Semiconductor SLG46170 Datasheet HTML 84Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
000-0046170-103
Page 79 of 86
SLG46170
<954>
PIN12 driver strength selection
0: 1X
1: 2X
<957:955>
PIN13 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
<959:558>
PIN13 pull up/down resistor value selection
00: floating
01: 10 K
10: 100 K
11: 1 M
<960>
PIN13 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
<961>
PIN13 driver strength selection
0: 1X
1: 2X
<964:962>
PIN14 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
<966:965>
PIN14 pull up/down resistor value selection
00: floating
01: 10 K
10: 100 K
11: 1 M
<967>
PIN14 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
<968>
PIN14 driver strength selection
0: 1X
1: 2X
reg<969>
Force RC oscillator on
0: Auto Power on
1: Force Power on
reg<970>
RC Oscillator frequency control
0: 25 K
1: 2 M
reg<971>
Reserved
reg<973:972> Internal Oscillator frequency divider control
00: OSC/8
01: OSC/12
10: OSC/24
11: OSC/64
reg<974>
External Clock Source Select
0: Internal Oscillator
1: External Clock from Pin20
reg<976:975> Osc clock pre-divider
00: Div1
01: Div2
10: Div4
11: Div8
reg<977>
LUT3_8 or pipe delay output select
0: Lut3_8
1: 1 pipe delay output
reg<978>
Pipe delay OUT1 polarity select bit
0: non-inverted
1: inverted
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com