Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 28Page - Dialog Semiconductor SLG46170 Datasheet HTML 29Page - Dialog Semiconductor SLG46170 Datasheet HTML 30Page - Dialog Semiconductor SLG46170 Datasheet HTML 31Page - Dialog Semiconductor SLG46170 Datasheet HTML 32Page - Dialog Semiconductor SLG46170 Datasheet HTML 33Page - Dialog Semiconductor SLG46170 Datasheet HTML 34Page - Dialog Semiconductor SLG46170 Datasheet HTML 35Page - Dialog Semiconductor SLG46170 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
000-0046170-103
Page 31 of 86
SLG46170
8.2 Matrix Output Table
Table 24. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number
reg<5:0>
Reserved
0
reg<11:6>
Matrix Out: PIN3 Digital Output Source
1
reg<17:12>
Matrix Out: PIN4 Digital Output Source
2
reg<23:18>
Matrix Out: PIN5 Digital Output Source
3
reg<29:24>
Matrix Out: PIN6 Digital Output Source
4
reg<35:30>
Reserved
5
reg<41:36>
Matrix Out: PIN6 Digital Output Source
6
reg<47:42>
Matrix Out: PIN8 Digital Output Source (4X Drive)
7
reg<53:48>
Matrix Out: Input for Delay0 or Counter0 External Clock
8
reg<59:54>
Matrix Out: Input for Delay1 or Counter1 Reset Input
9
reg<65:60>
Matrix Out: Input for Counter1 External Clock or Delay1 External Clock
10
reg<71:66>
Matrix Out: Input for Delay2 or Counter2 Reset Input
11
reg<77:72>
Matrix Out: Input for Counter2 External Clock or Delay2 External Clock
12
reg<83:78>
Matrix Out: Input for Delay3 or Counter3 Reset Input
13
reg<89:84>
Matrix Out: Input for Counter3 External Clock or Delay3 External Clock
14
reg<95:90>
Matrix Out: Input for Delay4 or Counter4 External Clock
15
reg<101:96>
Matrix Out: Input for Delay5 or Counter5 External Clock
16
reg<107:102>
Matrix Out: Input for Delay6 or Counter6 External Clock
17
reg<113:108>
Matrix Out: Input for Delay7 or Counter7 External Clock
18
reg<119:114>
Matrix Out: Clock Input of DFF0
19
reg<125:120>
Matrix Out: Data Input of DFF0
20
reg<131:126>
Matrix Out: nRST (nSET) of DFF0
21
reg<137:132>
Matrix Out: Clock Input of DFF1
22
reg<143:138>
Matrix Out: Data Input of DFF1
23
reg<149:144>
Matrix Out: nRST (nSET) of DFF1
24
reg<155:150>
Matrix Out: Clock Input of DFF2
25
reg<161:156>
Matrix Out: Data Input of DFF2
26
reg<167:162>
Matrix Out: nRST (nSET) of DFF2
27
reg<173:168>
Matrix Out: Clock Input of DFF3
28
reg<179:174>
Matrix Out: Data Input of DFF3
29
reg<185:180>
Matrix Out: nRST (nSET) of DFF3
30
reg<191:186>
Matrix Out: Clock Input of DFF5
31
reg<197:192>
Matrix Out: Data Input of DFF5
32
reg<203:198>
Matrix Out: Clock Input of DFF6
33
reg<209:204>
Matrix Out: Data Input of DFF6
34
reg<215:210>
Matrix Out: In0 of LUT4_0
35
reg<221:216>
Matrix Out: In1 of LUT4_0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com