Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46170 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 13Page - Dialog Semiconductor SLG46170 Datasheet HTML 14Page - Dialog Semiconductor SLG46170 Datasheet HTML 15Page - Dialog Semiconductor SLG46170 Datasheet HTML 16Page - Dialog Semiconductor SLG46170 Datasheet HTML 17Page - Dialog Semiconductor SLG46170 Datasheet HTML 18Page - Dialog Semiconductor SLG46170 Datasheet HTML 19Page - Dialog Semiconductor SLG46170 Datasheet HTML 20Page - Dialog Semiconductor SLG46170 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
000-0046170-103
Page 16 of 86
SLG46170
6.0 Summary of Macrocell Function
6.1 I/O Pins
•
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
•
Open Drain Outputs
•
Push Pull Outputs
•
10 k
/100 k/1 Mpull-up/pull-down resistors
•
40 mA Open Drain 4X Drive output
6.2 Connection Matrix
•
Digital matrix for circuit connections based on user design
6.3 Combinational Logic Look Up Tables (LUTs – 15 total)
•
Five 2-bit Lookup Tables
•
Nine 3-bit Lookup Tables
•
One 4-bit Lookup Tables
6.4 Combination Function Macrocell (2 total)
•
One Selectable FF/Latch or 2-bit LUT
•
One Selectable Pipe Delay or 3-bit LUT
6.5 Delays/Counters (8 total)
•
Two 14-bit delay/counters: Range 1-16384 clock cycles
•
Four 8-bit delays/counters: Range 1-255 clock cycles
•
Two 8-bit delays/counters with external clock/reset: Range 1-255 clock cycles
6.6 Digital Storage Elements (6 total)
•
Six D Flip-Flops or Latches
6.7 Pipe Delay (Part of Combination Function Macrocell)
•
16 stage / 3 output
•
One 1 stage fixed output
•
Two 1-16 stage selectable outputs.
6.8 Programmable Delay
•
150 ns/300 ns/450 ns /600 ns @ 3.3 V
•
Includes Edge Detection function
6.9 Additional Logic Functions (2 total)
•
Two Deglitch filter macrocells
6.10 RC Oscillator
•
25 kHz and 2 MHz selectable frequency
•
First stage divider (4): OSC/1, OSC/2, OSC/4, and OSC/8
•
Second stage divider (5): OSC/1, OSC/4, selectable (OSC/8, OSC/12, OSC/24, or OSC/64), OSC/3, and additional OSC/3
(from selectable output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com