Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 31 of 47
CONFIGURATION REGISTER (0x09)
The configuration register is a 16-bit read/write register that
sets the operating modes of the AD7294. The bit functions of
the configuration register are outlined in Table 23 and Table 24.
On power-up, the configuration register is reset to 0x0000.
Sample Delay and Bit Trial Delay
It is recommended that no I2C bus activity occur when a con-
version is taking place; however, this may not be possible, for
example, when operating in autocycle mode. Bit D14 and Bit D13
in the configuration register are used to delay critical sample
intervals and bit trials from occurring while there is activity
on the I2C bus. On power-up, Bit D14 (noise-delayed sampling),
Bit D13 (noise-delayed bit trials), and Bit D3 (I2C filters) are
enabled (set to 0). This configuration is appropriate for low
frequency applications because the bit trials are prevented from
occurring when there is activity on the I2C bus, thus ensuring
good dc linearity performance. For high frequency input signals,
it may be desirable to have a known sampling point, thus the
noise-delayed sampling can be disabled by writing a 1 to Bit D14 in
the configuration register. This ensures that the sampling instance
is fixed relative to SDA, resulting in improved SNR performance. If
noise-delay samplings extend longer than 1 µs, the current
conversion terminates. This termination can occur if there are
edges on SDA that are outside the I2C specification. When noise-
delayed sampling is enabled, the rise and fall times must meet
the I2C-specified standard. When D13 is enabled, the conversion
time may vary.
The default configuration for Bit D3 (enabled) is recommended
for normal operation because it ensures that the I2C requirements
for tOf (minimum) and tSP are met. The I2C filters reject glitches
shorter than 50 ns. If this function is disabled, the conversion
results are more susceptible to noise from the I2C bus.
Table 23. Configuration Register Bit Function Description D15 to D8
Channel
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Function
Reserved
Noise-delayed
sampling. Use to
delay critical
sample intervals
from occurring
when there is
activity on the
I2C bus.
Noise-delayed
bit trials. Use to
delay critical bit
trials from
occurring when
there is activity
on the I2C bus.
Autocycle
mode
Pseudo
differential
mode for
VIN3/VIN4
Pseudo
differential
mode for
VIN1/VIN2
Differential
mode for
VIN3/VIN4
Differential
mode for
VIN1/VIN2
Setting
Enabled = 0
Enabled = 0
Enabled = 1
Enabled = 1
Enabled = 1
Enabled = 1
Enabled = 1
Disabled = 1
Disabled = 1
Disabled = 0
Disabled = 0
Disabled = 0
Disabled = 0
Disabled = 0
Table 24. Configuration Register Bit Function Description D7 to D0
Channel
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Function
2VREF range
for VIN4
2VREF range
for VIN3
2VREF range
for VIN2
2VREF range
for VIN1
I2C filters
ALERT pin
BUSY pin (D2 = 0),
clear alerts (D2 = 1)
Select ALERT
pin polarity
(active high/
active low)
Setting
Enabled = 1
Disabled = 0
Enabled = 1
Disabled = 0
Enabled = 1
Disabled = 0
Enabled = 1
Disabled = 0
Enabled = 0
Disabled = 1
Enabled
D2 = 1
D1 = 0
Disabled
D2 = 0
Enabled
D1 = 1 + D0 = 0
Disabled D1 = 0
Active high = 1
Active low = 0
Table 25. Alert/Busy Function Description
D2
D1
ALERT/BUSY Pin Functions
0
0
Pin does not provide any interrupt signal.
0
1
Configures pin as a busy output.
1
0
Configures pin as an alert output.
1
1
Resets the ALERT/BUSY output pin, the alert_flag bit in the conversion result register, and the entire alert status register (if any is
active). 1,1 is written to Bits[D2:D1] in the configuration register to reset the ALERT/BUSY pin, the alert_flag bit, and the alert status
register. Following this write, the contents of the configuration register read 1, 0 for Bit D2 and Bit D1, respectively, if read back.
Table 26. ADC Input Mode Example
D11
D10
D9
D8
Description
0
0
0
0
All channels single-ended
0
0
0
1
Differential mode on VIN1/VIN2
0
1
0
1
Pseudo differential mode on VIN1/VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com