Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 22 of 47
20kΩ
220kΩ
2 × VREF p-p
27Ω
27Ω
V+
V–
V+
V–
GND
2.5V
3.75V
1.25V
2.5V
3.75V
1.25V
REFOUT ADC
VIN+
AD7294
1
VIN–
440Ω
220Ω
0.47µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
220Ω
220Ω
10kΩ
A
Figure 39. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal
into a Differential Unipolar Signal
Pseudo Differential Mode
The four uncommitted analog input channels can be configured
as two pseudo differential pairs. Uncommitted input, VIN0 and
VIN1, are a pseudo differential pair, as are VIN2 and VIN3. In this
mode, VIN+ is connected to the signal source, which can have a
maximum amplitude of VREF (or 2 × VREF, depending on the
range chosen) to make use of the full dynamic range of the
device. A dc input is applied to VIN−. The voltage applied to this
input provides an offset from ground or a pseudo ground for the
VIN+ input. Which channel is VIN+ is determined by the ADC
channel allocation. The differential mode must be selected to
operate in the pseudo differential mode. The resulting converted
pseudo differential data is stored in twos complement format in the
result register.
The governing equation for the pseudo differential mode, for
VIN0 is
VOUT = 2(VIN+ − VIN−) − VREF_ADC
where VIN+ is the single-ended signal and VIN− is a dc voltage.
The benefit of pseudo differential inputs is that they separate
the analog input signal ground from the ADC ground, allowing
dc common-mode voltages to be cancelled. The typical voltage
range for VIN− while in pseudo differential mode is shown in
Figure 40; Figure 41 shows a connection diagram for pseudo
differential mode.
2.0
1.5
1.0
0.5
–0.5
0
0
6
5
4
3
2
1
VREF (V)
AVDD = DVDD = 5V
VDRIVE = 5V
Figure 40. VIN− Input Range vs. VREF in Pseudo Differential Mode
DC INPUT
VOLTAGE
VREF
p-p
REFOUT/REFIN ADC
VIN+
AD7294
1
VIN–
0.47µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 41. Pseudo Differential Mode Connection Diagram
CURRENT SENSOR
Two bidirectional high-side current sense amplifiers are
provided that can accurately amplify differential current shunt
voltages in the presence of high common-mode voltages from
AVDD up to 59.4 V. Each amplifier can accept a ±200 mV
differential input. Both current sense amplifiers have a fixed
gain of 12.5 and utilize an internal 2.5 V reference.
An analog comparator is also provided with each amplifier for
fault detection. The threshold is defined as
1.2 × Full-Scale Voltage Range
When this limit is reached, the output is latched onto a
dedicated pin. This output remains high until the latch is
cleared by writing to the appropriate register.
AD7294
AVDD TO 54.5V
RS(+)
RSENSE
ILOAD
RS(–)
R1
40kΩ
R2
40kΩ
R3
100kΩ
R4
100kΩ
Q1
Q2
VOUT
TO MUX
A1
A1
A2
VPP
Figure 42. High-Side Current Sense
The AD7294 current sense comprises two main blocks: a
differential and an instrumentation amplifier. A load current
flowing through the external shunt resistor produces a voltage
at the input terminals of the AD7294. Resistors R1 and R2
connect the input terminals to the differential amplifier (A1).
A1 nulls the voltage appearing across its own input terminals
by adjusting the current through R1 and R2 with Transistor Q1
and Transistor Q2. Common-mode feedback maintains the sum
of these currents at approximately 50 μA. When the input signal
to the AD7294 is zero, the currents in R1 and R2 are equal. When
the differential signal is nonzero, the current increases through
one of the resistors and decreases in the other. The current differ-
ence is proportional to the size and polarity of the input signal.
The differential currents through Q1 and Q2 are converted into
a differential voltage by R3 and R4. A2 is configured as an instru-
mentation amplifier, buffering this voltage and providing additional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com