Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices AD7294 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 39 of 47
MODES OF OPERATION
There are two different methods of initiating a conversion on
the AD7294: command mode and autocycle mode.
COMMAND MODE
In command mode, the AD7294 ADC converts on-demand on
either a single channel or a sequence of channels. To enter this
mode, the required combination of channels is written into the
command register (0x00). The first conversion takes place at the
end of this write operation, in time for the result to be read out
in the next read operation. While this result is being read out,
the next conversion in the sequence takes place, and so on.
To exit the command mode, the master should not acknowledge
the final byte of data. This stops the AD7294 transmitting,
allowing the master to assert a stop condition on the bus. It is
therefore important that, after writing to the command register,
a repeated start (Sr) signal be used rather than a stop (P) followed
by a start (S) when switching to read mode; otherwise, the
command mode exits after the first conversion.
After writing to the command register, the register pointer is
returned to its previous value. If a new pointer value is required
(typically the ADC Result Register 0x01), it can be written
immediately following the command byte. This extra write
operation does not affect the conversion sequence because the
second conversion triggers only at the start of the first read
operation.
The maximum throughput that can be achieved using this
mode with a 400 kHz I2C clock is (400 kHz/18) = 22.2 kSPS.
Figure 56 shows the command mode converting on a sequence
of channels including VIN0, VIN1, and ISENSE1.
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device (AD7294) asserts an
acknowledge on SDA.
4. The master sends the Command Register Address 0x00.
The slave asserts an acknowledge on SDA.
5. The master sends the Data Byte 0x13, which selects the
VIN0, VIN1, and ISENSE1 channels.
6. The slave asserts an acknowledge on SDA.
7. The master sends the result register address (0x01). The
slave asserts an acknowledge on SDA.
8. The master sends the 7-bit slave address followed by the
write bit (high).
9. The slave (AD7294) asserts an acknowledge on SDA.
10. The master receives a data byte, which contains the
alert_flag bit, the channel ID bits, and the four MSBs of the
converted result for Channel VIN0. The master then asserts
an acknowledge on SDA.
11. The master receives the second data byte, which contains
the eight LSBs of the converted result for Channel VIN0.
The master then asserts on acknowledge on SDA.
12. Point 10 and Point 11 repeat for Channel VIN1 and
Channel ISENSE1.
13. Once the master has received the results from all the
selected channels, the slave again converts and outputs
the result for the first channel in the selected sequence.
Point 10 to Point 12 are repeated.
14. The master asserts a no acknowledge on SDA and a stop
condition on SDA to end the conversion and exit
command mode.
The AD7294 automatically exits command mode if no read
occurs in a 5 ms period. To change the conversion sequence,
rewrite a new sequence to the command mode.
S
A
P
...
...
0
A
A
COMMAND = 0x13
A
VIN0<11:8>
A
POINT TO RESULT REG (0x01)
SR
1
A
*
A
CH ID (000)
ALERT?
...
A
CH ID (001)
ALERT?
A
...
A
ISENSE1<11:8>
*
*
*
*
A
A
...
...
A
VIN0<7:0>
...
........
A
* = POSITION OF A CONVERSION START
SLAVE ADDRESS
POINT TO COMMAND REG (0x00)
VIN1<7:0>
VIN0<7:0>
VIN1<11:8>
VIN0<11:8>
SLAVE ADDRESS
ISENSE1<7:0>
ISENSE1<7:0>
ALERT?
CH ID (100)
ALERT?
CH ID (000)
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
SR = REPEATED START
P = STOP CONDITION
A = ACKNOWLEDGE
A = NOT ACKNOWLEDGE
Figure 56. Command Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com