Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 18 of 47
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
0
0.5
1.0
1.5
2.0
2.5
CAPACITANCE FROM D+ TO D– (nF)
Figure 30. Temperature Error vs. Capacitor Between D+ and D−
15
10
5
0
–5
–10
–15
–20
0
2000
4000
6000
8000
10000
12000
SERIES RESISTANCE (Ω)
Figure 31. Temperature Error vs. Series Resistance for 15 Typical Devices
5
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
Figure 32. Frequency Response of the High-Side Current Sensor
on the AD7294
–50
–95
–90
–85
–80
–75
–70
–65
–60
–55
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 33. ISENSE Power Supply Rejection Ratio vs. Supply Ripple Frequency
Without VPP Supply Decoupling Capacitors for a 500 mV Ripple
–50
–110
–100
–90
–80
–70
–60
1
100M
10M
1M
100k
10k
1k
100
10
RIPPLE FREQUENCY (Hz)
Figure 34. ISENSE Common-Mode Rejection Ratio vs. Ripple Frequency for a
400 mV Peak-To-Peak Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com