Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 38 of 47
Reading Data from an 8-Bit Register
Reading the contents from any of the 8-bit registers is a single
byte read operation, as shown in Figure 55. In this protocol, the
first part of the transaction writes to the register pointer. When
the register address has been set up, any number of reads can be
performed from that particular register without having to write
to the address pointer register again. When the required number
of reads is completed, the master should not acknowledge the final
byte. This tells the slave to stop transmitting, allowing a stop
condition to be asserted by the master. Further reads from this
register can be performed in a future transaction without
having to rewrite to the register pointer.
If a read from a different address is required, the relevant
register address has to be written to the address pointer register,
and again, any number of reads from this register can then be
performed. In the next example, the master device receives two
bytes from a slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
read bit (high).
3. The addressed slave device asserts an acknowledge
on SDA.
4. The master receives a data byte.
5. The master asserts an acknowledge on SDA.
6. The master receives another 8-bit data byte.
7. The master asserts a no acknowledge (NACK) on SDA to
inform the slave that the data transfer is complete.
8. The master asserts a stop condition on SDA, and the
transaction ends.
Reading Two Bytes of Data from a 16-Bit Register
In this example, the master device reads three lots of two-byte
data from a slave device, but as many lots consisting of two-
bytes can be read as required. This protocol assumes that the
particular register address has been set up by a single byte write
operation to the address pointer register (see the previous read
example).
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
read bit (high).
3. The addressed slave device asserts an acknowledge
on SDA.
4. The master receives a data byte.
5. The master asserts an acknowledge on SDA.
6. The master receives a second data byte.
7. The master asserts an acknowledge on SDA.
8. The master receives a data byte.
9. The master asserts an acknowledge on SDA.
10. The master receives a second data byte.
11. The master asserts an acknowledge on SDA.
12. The master receives a data byte.
13. The master asserts an acknowledge on SDA.
14. The master receives a second data byte.
15. The master asserts a no acknowledge on SDA to notify the
slave that the data transfer is complete.
16. The master asserts a stop condition on SDA to end the
transaction.
S
A
P
...
...
1
A
A
A
A
A
A
SLAVE ADDRESS
DATA<7:0>
DATA<7:0>
DATA<7:0>
DATA<15:8>
DATA<15:8>
DATA<15:8>
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
SR = REPEATED START
P = STOP CONDITION
A = ACKNOWLEDGE
A = NOT ACKNOWLEDGE
Figure 54. Reading Three Lots of Two Bytes of Data from the Conversion Result Register
S
0
A
A
A
P
REG POINTER
...
...
SR
1
A
A
SLAVE ADDRESS
SLAVE ADDRESS
DATA<7:0>
DATA<7:0>
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
SR = REPEATED START
P = STOP CONDITION
A = ACKNOWLEDGE
A = NOT ACKNOWLEDGE
Figure 55. Reading Two Single Bytes of Data from a Selected Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com