Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 12 of 47
Table 7. Pin Function Descriptions
TQFP Pin No.
LFCSP Pin No.
Mnemonic
Description
2, 61
1, 54
RS2(−), RS1(−)
Connection for External Shunt Resistor.
3, 60
2, 53
RS2(+), RS1(+)
Connection for External Shunt Resistor.
1, 4, 16, 17, 32,
33, 59, 64
3, 52
NC
No Connection. Do not connect these pins.
5, 8, 14, 25, 56, 57
4, 7, 13, 22, 50
AVDD1 to AVDD6
for TQFP; AVDD1
to AVDD4 for
LFCSP
Analog Supply Pins. The operating range is 4.5 V to 5.5 V. These pins provide
the supply voltage for all the analog circuitry on the AD7294. Connect the
AVDD and DVDD pins together to ensure that all supply pins are at the same
potential. This supply should be decoupled to AGND with one 10 µF tantalum
capacitor and a 0.1 µF ceramic capacitor for each AVDD pin.
6, 7, 13, 24, 34,
55, 58
5, 6 12, 21, 29, 49,
51
AGND1 to
AGND7
Analog Ground. Ground reference point for all analog circuitry on the AD7294.
Refer all analog input signals and any external reference signal to this AGND
voltage. Connect all seven of these AGND pins to the AGND plane of the
system. Note that AGND5 is a DAC ground reference point and should be used
as a star ground for circuitry being driven by the DAC outputs. Ideally, the
AGND and DGND voltages should be at the same potential and must not be
more than 0.3 V apart, even on a transient basis.
9, 12
8, 11
D2(−), D1(−)
Temperature Sensor Analog Input. These pins are connected to the external
temperature sensing transistor. See Figure 46 and Figure 47.
10, 11
9, 10
D2(+), D1(+)
Temperature Sensor Analog Input. These pins are connected to the external
temperature sensing transistor. See Figure 46 and Figure 47.
15
14
REFOUT/REFIN DAC
DAC Reference Output/Input Pin. The REFOUT/REFIN DAC pin is common to all
four DAC channels. On power-up, the default configuration of this pin is
external reference (REFIN). Enable the internal reference by writing to the
power-down register; see Table 27. Decoupling capacitors (220 nF
recommended) are connected to this pin to decouple the reference buffer.
Provided the output is buffered, the on-chip reference can be taken from this
pin and applied externally to the rest of a system. A maximum external
reference voltage of AVDD − 2 V can be supplied to the REFOUT portion of the
REFOUT/REFIN DAC pin.
18, 23, 26, 31
15, 20 23,28
OFFSET IN A to
OFFSET IN D
DAC Analog Offset Input Pins. These pins set the desired output range for each
DAC channel. The DACs have an output voltage span of 5 V, which can be
shifted from 0 V to 5 V to a maximum output voltage of 10 V to 15 V by
supplying an offset voltage to these pins. These pins can be left floating, in
which case decouple them to AGND with a 100 nF capacitor.
19, 22, 27, 30
16, 19, 24, 27
VOUT A to VOUT D
Buffered Analog DAC Outputs for Channel A to Channel D. Each DAC analog
output is driven from an output amplifier that can be offset using the OFFSET
IN x pin. The DAC has a maximum output voltage span of 5 V that can be level
shifted to a maximum output voltage level of 15 V. Each output is capable of
sourcing and sinking 10 mA and driving a 10 nF load.
20, 29
17, 26
DAC OUT GND
AB, DAC OUT
GND CD
Analog Ground. Analog ground pins for the DAC output amplifiers on VOUTA
and VOUTB, and VOUTC and VOUTD, respectively.
21, 28
18, 25
DAC OUTV+ AB,
DAC OUTV+ CD
Analog Supply. Analog supply pins for the DAC output amplifiers on VOUTA and
VOUTB, and VOUTC and VOUTD, respectively. The operating range is 4.5 V to 16.5 V.
35
30
ALERT/BUSY
Digital Output. Selectable as an alert or busy output function in the
configuration register. This is an open-drain output. An external pull-up
resistor is required.
When configured as an alert, this pin acts as an out-of-range indicator and
becomes active when the conversion result violates the DATAHIGH or DATALOW
register values. See the Alert Status Registers section.
When configured as a busy output, this pin becomes active when a conversion
is in progress.
38, 37, 36
33, 32, 31
AS0, AS1, AS2
Digital Logic Input. Together, the logic state of these inputs selects a unique
I2C address for the AD7294. See Table 34 for details.
39
34
SDA
Digital Input/Output. Serial bus bidirectional data; external pull-up resistor
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com