Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 28 of 47
COMMAND REGISTER (0x00)
Writing in the command register puts the device into command
mode. When in command mode, the device cycles through the
selected channels from LSB (D0) to MSB (D7) on each subsequent
read (see Table 10). A channel is selected for conversion if a one is
written to the desired bit in the command register. On power-up,
all bits in the command register are set to zero. If the external TSENSE
channels are selected in the command register byte, it is not
actually requesting a conversion. The result of the last automatic
conversion is output as part of the sequence (see the Modes of
Operation section).
If a command mode conversion is required while the autocycle
mode is active, it is necessary to disable the autocycle mode
before proceeding to the command mode (see the Autocycle
Mode section for more details).
RESULT REGISTER (0x01)
The result register is a 16-bit read-only register. The conversion
results for the four uncommitted ADC inputs and the two ISENSE
channels are stored in the result register for reading.
Bit D14 to Bit D12 are the channel allocation bits, each of which
identifies the ADC channel that corresponds to the subsequent
result (see the ADC Channel Allocation section for more details).
Bit D11 to Bit D0 contain the most recent ADC result. D15 is
reserved as an alert_flag bit. Table 11 lists the contents of the
first byte that is read from the AD7294 results register; Table 12
lists the contents of the second byte read.
Table 10. Command Register1
MSB
LSB
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Channel
Read out last
result from
TSENSE2
Read out last
result from
TSENSE1
ISENSE2
ISENSE1
VIN3 (S.E.)
or
VIN3 − VIN2
(DIFF)
VIN2 (S.E.)
or
VIN2 − VIN3
(DIFF)
VIN1 (S.E.)
or
VIN1 − VIN0
(DIFF)
VIN0 (S.E.)
or
VIN0 − VIN1
(DIFF)
1
S.E. indicates single-ended and DIFF indicates differential.
Table 11. Result Register (First Read)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
CHID2
CHID1
CHID0
B11
B10
B9
B8
Table 12. Result Register (Second Read)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com