Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 9 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 5Page - PULS GmbH CP10.241-R2 Datasheet HTML 6Page - PULS GmbH CP10.241-R2 Datasheet HTML 7Page - PULS GmbH CP10.241-R2 Datasheet HTML 8Page - PULS GmbH CP10.241-R2 Datasheet HTML 9Page - PULS GmbH CP10.241-R2 Datasheet HTML 10Page - PULS GmbH CP10.241-R2 Datasheet HTML 11Page - PULS GmbH CP10.241-R2 Datasheet HTML 12Page - PULS GmbH CP10.241-R2 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/31
P R E L I M I N A R Y
Fig. 6-1 Output voltage vs. output current, typ.
Fig. 6-2 Short-circuit on output, HiccupPLUS mode, typ.
Output Voltage
0
4
8
12
28V
16
20
24
0
12.5
20A
7.5
2.5
5
10
15 17.5
A
B
A: continuous current
B: intermitted current
Output
Current
Output
Current
0
14A
18s
18s
18s
2s
2s
2s
t
Short -circuit
Normal
operation
Normal
operation
Fig. 6-3 Dynamic overcurrent capability, typ.
Output Voltage (dynamic behavior, < 12ms)
0
4
8
12
28V
16
20
24
0
50A
20
10
30
40
5
1525
3545
Output
Current
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
Typ.
73ms
73ms
73ms
At 5A, see Fig. 7-1
Min.
55ms
55ms
55ms
At 5A, see Fig. 7-1
Typ.
37ms
37ms
37ms
At 10A, see Fig. 7-1
Min.
28ms
28ms
28ms
At 10A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
10
20
30
40
80ms
90
120
155
190
230Vac
Input Voltage
50
60
Hold-up Time
a) At 5A typ.
b) At 5A min.
70
a
c) At 10A typ.
d) At 10A min.
b
c
d
- 5%
Zero Transition
Output
Voltage
Input
Voltage
Hold-up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com