Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 26 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 26 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 22Page - PULS GmbH CP10.241-R2 Datasheet HTML 23Page - PULS GmbH CP10.241-R2 Datasheet HTML 24Page - PULS GmbH CP10.241-R2 Datasheet HTML 25Page - PULS GmbH CP10.241-R2 Datasheet HTML 26Page - PULS GmbH CP10.241-R2 Datasheet HTML 27Page - PULS GmbH CP10.241-R2 Datasheet HTML 28Page - PULS GmbH CP10.241-R2 Datasheet HTML 29Page - PULS GmbH CP10.241-R2 Datasheet HTML 30Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
26/31
P R E L I M I N A R Y
24.2. ADJUSTING THE OUTPUT VOLTAGE
A voltage adjustment potentiometer can be found behind the flap on the front of the unit. However, it is not
recommended to change the output voltage since load sharing between power supplies connected in parallel can only
be achieved by a precise setting of the output voltages. The factory settings allow precise load sharing and only
qualified personnel should change the adjustment potentiometer.
Lower end of the specified adjustment range
Output voltage
Nom.
24.0V
Due to the soft output voltage regulation characteristic
(parallel mode feature) a setting to 24.0V results to an output
voltage of 23.8V±0.2% at 12A and 25.0V±0.2% at no load.
See Fig. 24-4.
Output current
Min.
12A
At 45°C
Min.
10A
At 60°C
Min.
7.55A
At 70°C
Reduce output current linearly between +45°C and +70°C.
Upper end of the specified adjustment range
Output voltage
Nom.
27.0V
Due to the soft output voltage regulation characteristic
(parallel mode feature) a setting to 27.0V results to an output
voltage of 26.7V±0.2% at 10.6A and 28.2V±0.2% at no load.
See Fig. 24-4.
Output current
Min.
10.6A
At 45°C
Min.
8.9A
At 60°C
Min.
6.7A
At 70°C
Reduce output current linearly between +45°C and +70°C.
The maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances is
30V. It is not a guaranteed value which can be achieved.
Current values between 24 and 27V can be interpolated.
Fig. 24-4 Adjustment range of the output
voltage
Output Voltage Range, typ.
25.0V
24.0V
28.2V
23.8V
26.7V
27.0V
Specified
Adjustment
Range
Output Current
a) 240W point
b) 288W point
a)
b)
b)
a)
The output voltage shall only be changed when absolutely necessary, e.g. for battery charging as described in the next
chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com