Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 14 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 14 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 10Page - PULS GmbH CP10.241-R2 Datasheet HTML 11Page - PULS GmbH CP10.241-R2 Datasheet HTML 12Page - PULS GmbH CP10.241-R2 Datasheet HTML 13Page - PULS GmbH CP10.241-R2 Datasheet HTML 14Page - PULS GmbH CP10.241-R2 Datasheet HTML 15Page - PULS GmbH CP10.241-R2 Datasheet HTML 16Page - PULS GmbH CP10.241-R2 Datasheet HTML 17Page - PULS GmbH CP10.241-R2 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/31
P R E L I M I N A R Y
13. TERMINALS AND WIRING
The terminals are IP20 Finger safe constructed and suitable for field- and factory wiring.
CP10.241-R1
Input
Output
DC-OK-Signal
Type
Quick-connect spring-
clamp termination
Quick-connect spring-
clamp termination
Push-in termination
Solid wire
Max. 6mm2
Max. 6mm2
Max. 1.5mm2
Stranded wire
Max. 4mm2
Max. 4mm2
Max. 1.5mm2
American Wire Gauge
AWG 20-10
AWG 20-10
AWG 24-16
Max. wire diameter (including ferrules)
2.8mm
2.8mm
1.6mm
Wire stripping length
10mm / 0.4inch
10mm / 0.4inch
7mm / 0.28inch
Screwdriver
3 mm slotted to open
the spring
CP10.241-R2, CP10.242-R2
Input
Output
DC-OK-Signal
Type
Plug connector with
screw termination
Plug connector with
screw termination
Plug connector with
screw termination
Solid wire
Max. 4mm2
Max. 4mm2
Max. 1.5mm2
Stranded wire
Max. 2.5mm2
Max. 2.5mm2
Max. 1.5mm2
American Wire Gauge
AWG 20-12
AWG 20-12
AWG 26-14
Max. wire diameter (including ferrules)
2.4mm
2.4mm
1.8mm
Recommended tightening torque
Max. 0.5Nm, 4.5lb-in
Max. 0.5Nm, 4.5lb-in
Max. 0.8Nm, 7lb-in
Wire stripping length
7mm / 0.28inch
7mm / 0.28inch
6mm / 0.24inch
Screwdriver
3.5mm slotted or cross-
head No 2
3.5mm slotted or cross-
head No 2
3.5mm slotted
Do not unplug the
connectors more often
than 20 times in total
Do not unplug the
connectors more often
than 20 times in total
Do not unplug the
connectors more often
than 20 times in total
CP10.241-R3
Input
Output
DC-OK-Signal
Type
Screw termination
Screw termination
Push-in termination
Solid wire
Max. 6mm2
Max. 6mm2
Max. 1.5mm2
Stranded wire
Max. 4mm2
Max. 4mm2
Max. 1.5mm2
American Wire Gauge
AWG 20-10
AWG 20-10
AWG 24-16
Max. wire diameter (including ferrules)
2.8mm
2.8mm
1.6mm
Recommended tightening torque
Max. 1Nm, 9lb-in
Max. 1Nm, 9lb-in
-
Wire stripping length
7mm / 0.28inch
7mm / 0.28inch
7mm / 0.28inch
Screwdriver
3.5mm slotted or cross-
head No 2
3.5mm slotted or cross-
head No 2
3mm slotted to open
the spring
Instructions for wiring:
a)
Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C, 75°C for ambient up to 60°C and 90°C for ambient up to 70°C minimum.
b)
Follow national installation codes and installation regulations!
c)
Ensure that all strands of a stranded wire enter the terminal connection!
d)
Unused terminal compartments should be securely tightened.
e)
Ferrules are allowed and recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com