Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 11 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 7Page - PULS GmbH CP10.241-R2 Datasheet HTML 8Page - PULS GmbH CP10.241-R2 Datasheet HTML 9Page - PULS GmbH CP10.241-R2 Datasheet HTML 10Page - PULS GmbH CP10.241-R2 Datasheet HTML 11Page - PULS GmbH CP10.241-R2 Datasheet HTML 12Page - PULS GmbH CP10.241-R2 Datasheet HTML 13Page - PULS GmbH CP10.241-R2 Datasheet HTML 14Page - PULS GmbH CP10.241-R2 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/31
P R E L I M I N A R Y
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
Typ.
92.2%
93.0%
94.7%
At 10A
Typ.
91.9%
92.8%
94.6%
At 12A (Power Boost)
Average efficiency*)
Typ.
91.8%
92.4%
93.9%
At 25% at 2.5A, 25% at 5A,
25% at 7.5A. 25% at 10A
Power losses
Typ.
4W
3.7W
2.9W
At 0A
Typ.
11.3W
10.7W
8.6W
At 5A
Typ.
20.3W
18.1W
13.4W
At 10A
Typ.
25.4W
22.3W
16.4W
At 12A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1 Efficiency vs. output current, typ
Fig. 9-2 Losses vs. output current, typ.
Efficiency
2
3456
7
9 10
12A
89
90
91
92
93
94
95%
Output Current
811
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Power Losses
01
34
6
7
12A
5
10
15
20
0
30W
910
25
Output Current
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
2
5
8
11
Fig. 9-3 Efficiency vs. input voltage at 10A,
typ.
Fig. 9-4 Losses vs. input voltage at 10A, typ.
Efficiency
120
180
230
264Vac
89
90
91
92
Input Voltage
93
94
95%
100
Power Losses
120
180
230
264Vac
12
14
16
18
Input Voltage
20
22
24W
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com