Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 30 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 30 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 23Page - PULS GmbH CP10.241-R2 Datasheet HTML 24Page - PULS GmbH CP10.241-R2 Datasheet HTML 25Page - PULS GmbH CP10.241-R2 Datasheet HTML 26Page - PULS GmbH CP10.241-R2 Datasheet HTML 27Page - PULS GmbH CP10.241-R2 Datasheet HTML 28Page - PULS GmbH CP10.241-R2 Datasheet HTML 29Page - PULS GmbH CP10.241-R2 Datasheet HTML 30Page - PULS GmbH CP10.241-R2 Datasheet HTML 31Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
30/31
P R E L I M I N A R Y
24.8. OPERATION ON TWO PHASES
The power supply can also be used on two-phases of a three-phase-
system. Such a phase-to-phase connection is allowed as long as the
supplying voltage is below 240V+10%.
L2
L1
L3
L
N
PE
Power Supply
AC
DC
The maximum allowed voltage between a Phase and the PE must be
below 300Vac.
24.9. USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. In such situations, the inside temperature defines the ambient temperature for the power supply.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The power supply is placed in the middle of the box, no other heat producing items are inside the box
The temperature sensor inside the box is placed in the middle of the right side of the power supply with a distance of
1cm.
Case A
Case B
Case C
Case D
Enclosure size
110x180x165mm
Rittal Typ IP66 Box
PK 9516 100,
plastic
110x180x165mm
Rittal Typ IP66 Box
PK 9516 100,
plastic
180x180x165mm
Rittal Typ IP66 Box
PK 9519 100,
plastic
180x180x165mm
Rittal Typ IP66 Box
PK 9519 100,
plastic
Input voltage
230Vac
230Vac
230Vac
230Vac
Load
24V, 8A; (=80%)
24V, 10A; (=100%)
24V, 8A; (=80%)
24V, 10A; (=100%)
Temperature inside the box
45.4°C
49.0°C
42.0°C
44.4°C
Temperature outside the box
25.0°C
25.0°C
25.0°C
25.0°C
Temperature rise
20.4K
24.0K
17.0K
19.4K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com