Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 27 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 27 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 23Page - PULS GmbH CP10.241-R2 Datasheet HTML 24Page - PULS GmbH CP10.241-R2 Datasheet HTML 25Page - PULS GmbH CP10.241-R2 Datasheet HTML 26Page - PULS GmbH CP10.241-R2 Datasheet HTML 27Page - PULS GmbH CP10.241-R2 Datasheet HTML 28Page - PULS GmbH CP10.241-R2 Datasheet HTML 29Page - PULS GmbH CP10.241-R2 Datasheet HTML 30Page - PULS GmbH CP10.241-R2 Datasheet HTML 31Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
27/31
P R E L I M I N A R Y
24.3. CHARGING OF BATTERIES
This redundancy power supply is ideal for charging batteries due to the decoupling circuit built in to the output stage
which does not require a fuse or diode between the power supply and the battery.
It can be used to charge sealed lead acid (SLA) or valve regulated lead acid (VRLA) lead batteries when following these
instructions:
a)
Set output voltage (measured at disconnected battery) very precisely to the end-of-charge voltage. Use the
potentiometer, which is hidden behind the flap on the front of the unit. See chapter 24.2.
Battery temperature
10°C
20°C
30°C
40°C
End-of-charge voltage
27.8V
27.5V
27.15V
26.8V
b)
Ensure that the ambient temperature of the power supply stays below 40°C.
c)
Use only matched batteries when connecting 12V types in series.
d)
The return current to the power supply (battery discharge current) is typically 3mA when the power supply is
switched off.
24.4. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCB’s or UL 1077 circuit breakers) are commonly used for AC-supply systems and
may also be used on 24V branches.
MCB’s are designed to protect wires and circuits. If the ampere value and the characteristics of the MCB are adapted to
the wire size that is used, the wiring is considered as thermally safe regardless of whether the MCB opens or not.
To avoid voltage dips and under-voltage situations in adjacent 24V branches which are supplied by the same source, a
fast (magnetic) tripping of the MCB is desired. A quick shutdown within 10ms is necessary corresponding roughly to
the ride-through time of PLC's. This requires power supplies with high current reserves and large output capacitors.
Furthermore, the impedance of the faulty branch must be sufficiently small in order for the current to actually flow.
The best current reserve in the power supply does not help if Ohm’s law does not permit current flow. The following
table has typical test results showing which B- and C-Characteristic MCBs magnetically trip depending on the wire cross
section and wire length.
Fig. 24-5 Test circuit
Maximal wire length
*) for a fast (magnetic) tripping:
0.75mm²
1.0mm²
1.5mm²
2.5mm²
C-2A
30 m
37 m
54 m
84 m
C-3A
25 m
30 m
46 m
69 m
C-4A
9 m
15 m
25 m
34 m
C-6A
3 m
3 m
4 m
7 m
C-8A
B-6A
12 m
15 m
21 m
34 m
B-10A
3 m
3 m
4 m
9 m
B-13A
2 m
2 m
3 m
6 m
MCB
Power Supply
AC
DC
+
-
Load
+
-
Wire length
S1... Fault simulation switch
S1
*)
Don’t forget to consider twice the distance to the load (or cable length) when calculating the total wire length (+ and – wire).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com