Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R2 Datasheet(PDF) 8 Page - PULS GmbH

Part # CP10.241-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R2 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CP10.241-R2 Datasheet HTML 4Page - PULS GmbH CP10.241-R2 Datasheet HTML 5Page - PULS GmbH CP10.241-R2 Datasheet HTML 6Page - PULS GmbH CP10.241-R2 Datasheet HTML 7Page - PULS GmbH CP10.241-R2 Datasheet HTML 8Page - PULS GmbH CP10.241-R2 Datasheet HTML 9Page - PULS GmbH CP10.241-R2 Datasheet HTML 10Page - PULS GmbH CP10.241-R2 Datasheet HTML 11Page - PULS GmbH CP10.241-R2 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/31
P R E L I M I N A R Y
6. OUTPUT
The output provides a SELV/PELV/ES1 rated voltage, which is galvanically isolated from the input voltage. The output
of the devices includes a decoupling MOSFET for building 1+1 or n+1 redundant power supply systems.
The device is designed to supply any kind of loads, including capacitive and inductive loads. If extreme large
capacitors, such as EDLCs (electric double layer capacitors or “UltraCaps”) with a capacitance larger than 1.5F are
connected to the output, the unit might charge the capacitor in the HiccupPLUS mode.
The device is featured with a “soft output regulation characteristic” in order to achieve current share between
multiple devices when they are connected in parallel. The “soft output regulation characteristic” regulates the output
voltage in such a manner that the voltage at no load is approx. 4% higher than at nominal load.
Output voltage
Nom.
DC 24V
23.8 - 25.2V
Adjustment range
See chapter 24.2
Factory settings
typ.
24.1V
±0.2%, at 10A, cold unit (results to typ. 23.9V±0.2% at
12A and typ. 25.1V±0.2% at no load)
Line regulation
Max.
10mV
85-300Vac
Load regulation
Typ.
1000mV
Static value, 0A
10A; see Fig. 6-1
Ripple and noise voltage
Max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
Nom.
12A1)
Below 45°C ambient temperature, see Fig. 17-1
Nom.
10A
At 60°C ambient temperature, see Fig. 17-1
Nom.
7.5A
At 70°C ambient temperature, see Fig. 17-1
Fuse breaking current2)
Typ.
30A
Up to 12ms once every five seconds, see Fig. 6-3.
Overload protection
Included
Electronically protected against overload, no-load
and short-circuits. In case of a protection event,
audible noise may occur.
Overload behaviour
Continuous current
Output voltage >13Vdc, see Fig. 6-1
Intermitted current3)
Output voltage <13Vdc, see Fig. 6-1
Overload/ short-circuit current
Max.
15.5A
Continuous current, see Fig. 6-1
Typ.
14A
Intermitted current peak value for typ. 2s
Load impedance 10mOhm, see Fig. 6-2.
Discharge current of output capacitors is not included.
Max.
5A
Intermitted current average value (R.M.S.)
Load impedance 10mOhm, see Fig. 6-2.
Output capacitance
Typ.
4 400μF
Included inside the power supply
Back-feeding loads
Max.
35V
The unit is resistant and does not show
malfunctioning when a load feeds back voltage to
the power supply. It does not matter whether the
power supply is on or off. The absorbing energy can
be calculated according to the built-in large sized
output capacitor.
1) This current is also available for temperatures up to +70°C with a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
2) The fuse braking current is an enhanced transient current which helps to start heavy loads or to trip fuses on faulty output branches. The
output voltage stays above 20V. See chapter 24.1 for additional measurements.
3) At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the overload
exists. If the overload has been cleared, the device will operate normally. See Fig. 6-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com