Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB39C011A Datasheet HTML 1Page - Cypress Semiconductor MB39C011A Datasheet HTML 2Page - Cypress Semiconductor MB39C011A Datasheet HTML 3Page - Cypress Semiconductor MB39C011A Datasheet HTML 4Page - Cypress Semiconductor MB39C011A Datasheet HTML 5Page - Cypress Semiconductor MB39C011A Datasheet HTML 6Page - Cypress Semiconductor MB39C011A Datasheet HTML 7Page - Cypress Semiconductor MB39C011A Datasheet HTML 8Page - Cypress Semiconductor MB39C011A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 4 of 53
MB39C011A
2. Pin Description
Pin No.
Pin Name
I/O
Description
1VCC
-
Power supply pin for the reference voltage circuit and control circuit.
2
OUT1-1
O
Output pin for P-ch drive (drives the gate of the external High side FET).
3
OUT1-2
O
Output pin for N-ch drive (drives the gate of the external Low side FET).
4
VB
I/O
Power supply pin for the N-ch FET drive circuit (VB
= 5 V).
5RT
-
Triangular-wave oscillation frequency setting resistor connection pin.
6
FB1
O
Error amplifier (Error Amp1) output pin.
7
-INE1
I
Error amplifier (Error Amp1) inverted input pin.
8
CSCP1
-
Timer-latch short-circuit protection circuit 1 capacitor connection pin.
9
CSCP2
-
Timer-latch short-circuit protection circuit 2 capacitor connection pin.
10
-INE2
I
Error amplifier (Error Amp2) inverted input pin.
11
FB2
O
Error amplifier (Error Amp2) output pin.
12
GND
-
Ground pin for the reference voltage circuit, control circuit, and output circuit.
13
CTL
I
Power supply control pin. IC becomes a stand-by mode by setting CTL pin “L” level.
14
OUT2-2
O
Output pin for N-ch drive (drives the gate of the external Low side FET).
15
OUT2-1
O
Output pin for P-ch drive (drives the gate of the external High side FET).
16
VH
O
Power supply pin for the N-ch FET drive circuit (VH
= VCC − 5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com