Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB39C011A Datasheet HTML 4Page - Cypress Semiconductor MB39C011A Datasheet HTML 5Page - Cypress Semiconductor MB39C011A Datasheet HTML 6Page - Cypress Semiconductor MB39C011A Datasheet HTML 7Page - Cypress Semiconductor MB39C011A Datasheet HTML 8Page - Cypress Semiconductor MB39C011A Datasheet HTML 9Page - Cypress Semiconductor MB39C011A Datasheet HTML 10Page - Cypress Semiconductor MB39C011A Datasheet HTML 11Page - Cypress Semiconductor MB39C011A Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 8 of 53
MB39C011A
6. Electrical Characteristics
(Ta
= +25˚C, VCC = 12 V)
(Continued)
Parameter
Symbol
Pin No.
Condition
Value
Unit
Min
Typ
Max
Under Voltage
Lockout Protection
Circuit Block
[UVLO]
Threshold voltage
VTLH
4
VB
3.8
4.0
4.2
V
VTHL
4
VB
3.6
3.8
4.0
V
Hysteresis width
VH
4
--
0.2[1]
-
V
Short-circuit protection
circuit Block
[SCP]
Threshold voltage
VTH
8, 9
-
1.9
2.0
2.1
V
Input source current
ICSCP
8, 9
RT
= 16 kΩ
− 3.2
− 2.3
− 1.4
μA
Reset voltage
VRST
4VB
=
3.6
3.8
4.0
V
Triangular Wave Oscil-
lator Block [OSC]
Oscillation
frequency
fosc
2, 15
RT
= 16 kΩ
450
500
550
kHz
Soft-Start Block [CS]
Charge current
ICS
8, 9
CSCP1, 2
= 0 V,
RT
= 16 kΩ
− 4.6
− 3.3
− 2.0
μA
Error Amp Block
[Error Amp1,
Error Amp2]
Threshold voltage
VTH
6, 11
FB1
= 1 V,
FB2
= 1 V
0.99
1.00
1.01
V
Input bias current
IB
7, 10
-INE1
= 0 V,
-INE2
= 0 V
− 100
0
+ 100
nA
Voltage gain
AV
6, 11
DC
-
80[1]
-
dB
Frequency band-
width
BW
6, 11
AV = 0 dB
-
5.0[1]
-
MHz
Output voltage
VOH
6, 11
-
VB − 0.3
VB − 0.1
-
V
VOL
6, 11
--
40
200
mV
Output source
current
ISOURCE
6, 11
FB1
= 1 V,
FB2
= 1 V
--400
− 300
μA
Output sink current
ISINK
6, 11
FB1
= 1 V,
FB2
= 1 V
4.0
8.0
-
mA
PWM Comparator
Block [PWM Comp.1,
PWM Comp.2]
Threshold voltage
VT0
6, 11
Duty cycle
= 0 %
0.6
0.7
-
V
VT100
6, 11
Duty cycle
= 100 %
-
1.7
1.8
V
VH Bias Voltage Block
[VH]
Output voltage
VH
16
VCC
= 6 V to 17 V
VH
= 0 to 40 mA
VCC − 5.5 VCC − 5.0
VCC − 4.5
V
VB Bias Voltage Block
[VB]
Output voltage
VB
4
VCC
= 6 V to 17 V
VB
= 0 to − 40 mA
4.5
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com