| Electronic Components Datasheet Search |
|
MB39C011A Datasheet(PDF) 19 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB39C011A Datasheet(HTML) 19 Page - Cypress Semiconductor |
|
19 / 53 page ![]() Document Number: 002-08369 Rev. *B Page 19 of 53 MB39C011A 8.2.4 Operation When CTL is Turned On and Off When CTL is turned on, the internal reference voltages VR1 and VB begin to rise. When VB exceeds the threshold voltage (VTH) of UVLO (under voltage lockout protection circuit), UVLO is released, and the output drive circuits of each channel are allowed to operate.When CTL is off, the output drive circuit of each channel is locked in the full off state and the CSCP1 and CSCP2 pins (pins 8 and 9) are fixed at the “L” level, even if the UVLO circuit is in the clear state. When the internal reference voltages VR1 and VB begin to fall and when VB falls below the threshold voltage of the UVLO (under voltage lockout protection circuit), the UVLO circuit is activated. 8.2.5 Independent Control Of Each Channel The on/off state of each output voltage can be controlled independently by externally connecting the CSCP1 and CSCP2 pins (pins 8 and 9) to the drain pin of an NMOS transistor or to an NMOS open drain pin of a microcontroller, etc. When the CSCP1 or CSCP2 pins (pins 8 and 9) is set to the “L” level by turning on the external NMOS transistor, the output voltage turns off. Furthermore, when the external NMOS transistor is turned off, the soft-start function begins and the output voltage turns on. Note that the internal operation of the IC continues when the output voltages are turned off using the CSCP1 and CSCP2 pins (pins 8 and 9). Set the CTL pin (pin 13) to the “L” level to enter standby mode (the maximum power supply current in standby mode is 10 μA). CTL V t Vo1 Vo2 CTL1 CTL2 MB39C011A CTL CS CTL1 CS CTL2 CSCP1 CTL CSCP2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |