Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C011A Datasheet HTML 3Page - Cypress Semiconductor MB39C011A Datasheet HTML 4Page - Cypress Semiconductor MB39C011A Datasheet HTML 5Page - Cypress Semiconductor MB39C011A Datasheet HTML 6Page - Cypress Semiconductor MB39C011A Datasheet HTML 7Page - Cypress Semiconductor MB39C011A Datasheet HTML 8Page - Cypress Semiconductor MB39C011A Datasheet HTML 9Page - Cypress Semiconductor MB39C011A Datasheet HTML 10Page - Cypress Semiconductor MB39C011A Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 7 of 53
MB39C011A
5. Recommended Operating Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these
ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
VCC pin
4.5
12
17
V
VH pin output current
IVH
VH pin
0
-
40
mA
VB pin output current
IVB
VB pin
− 40
-
0mA
VB pin input voltage
VB
VB pin(When VCC pin connected to
VB pin)
4.5
5
6
V
Input voltage
VINE
-INE1, -INE2 pins
0
-
VB − 0.9
V
CTL pin input voltage
VCTL
CTL pin
0
-
17
V
Output current
IOUT
OUT1-1, OUT1-2, OUT2-1, OUT2-2
pins
− 45
-
+ 45
mA
Oscillation frequency
fOSC
Tj
≤ + 85˚C
100
500
2000
kHz
Timing resistor
RT
RT pin
3.6
16
100
k
Ω
VH pin capacitor
CVH
VH pin
-
1.0
4.7
μF
VB pin capacitor
CVB
VB pin
-
1.0
4.7
μF
CSCP1, CSCP2 pin capacitor
CSCP1,
CSCP2
CSCP1, CSCP2 pins
-
0.047
1.0
μF
Operating ambient
temperature
Ta
-
− 30
+ 25
+ 85
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com