Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB39C011A Datasheet HTML 45Page - Cypress Semiconductor MB39C011A Datasheet HTML 46Page - Cypress Semiconductor MB39C011A Datasheet HTML 47Page - Cypress Semiconductor MB39C011A Datasheet HTML 48Page - Cypress Semiconductor MB39C011A Datasheet HTML 49Page - Cypress Semiconductor MB39C011A Datasheet HTML 50Page - Cypress Semiconductor MB39C011A Datasheet HTML 51Page - Cypress Semiconductor MB39C011A Datasheet HTML 52Page - Cypress Semiconductor MB39C011A Datasheet HTML 53Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 50 of 53
MB39C011A
28.2
Parameters for Each Mounting Method
28.2.1
IR (infrared reflow)
28.2.2
Manual soldering (partial heating method)
Conditions : Temperature 400˚C Max
Times
: 5 s max/pin
260
°C
(e)
(d')
(d)
255
°C
170
°C
190
°C
RT
(b)
(a)
(c)
to
Note : Temperature : the top of the package body
(a) Temperature Increase gradient
: Average 1˚C/s to 4˚C/s
(b) Preliminary heating
: Temperature 170˚C to 190˚C, 60s to 180s
(c) Temperature Increase gradient
: Average 1˚C/s to 4˚C/s
(d) Actual heating
: Temperature 260˚C Max; 255˚C or more, 10s or less
(d’)
: Temperature 230˚C or more, 40s or less or
Temperature 225˚C or more, 60s or less or
Temperature 220˚C or more, 80s or less
(e) Cooling
: Natural cooling or forced cooling
H rank : 260˚C Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com