Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB39C011A Datasheet HTML 1Page - Cypress Semiconductor MB39C011A Datasheet HTML 2Page - Cypress Semiconductor MB39C011A Datasheet HTML 3Page - Cypress Semiconductor MB39C011A Datasheet HTML 4Page - Cypress Semiconductor MB39C011A Datasheet HTML 5Page - Cypress Semiconductor MB39C011A Datasheet HTML 6Page - Cypress Semiconductor MB39C011A Datasheet HTML 7Page - Cypress Semiconductor MB39C011A Datasheet HTML 8Page - Cypress Semiconductor MB39C011A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 5 of 53
MB39C011A
3. Block Diagram
RT
CT
bias
VB
7
A
6
2
A
10
B
11
B
1
13
12
5
8
16
VH
VH
VB
3
15
14
4
VB
VB
VB
9
VIN
(6 V to 17 V)
-INE2
CSCP2
CSCP1
UVLO
Reset
SR Latch
OSC
Bias
Voltage
Bias
Voltage
VR1
Power
ON/OFF
CTL
H:ON (Power ON)
L:OFF(Standbymode)
VTH=1.4 V
GND
(2.0 V)
(2.0 V)
2.5 V
2.5 V
(1.9 V)
SCP
Comp.1
SCP
Comp.2
Error
Amp2
PWM
Comp.2
Error
Amp1
PWM
Comp.1
(1.9 V)
(0.7 V)
(1.7 V)
(0.7 V)
(1.7 V)
(1.0 V)
(1.0 V)
(2.3u) (1.0u)
(1.0u)
(2.3u)
ErrorAmp Ref.
(1.0 V)
VB
(5 V)
FB1
FB2
-INE1
P-ch
Vcc
Drive1-1
Drive1-2
Drive2-1
OUT2-1
step-down
Vo2
(3.3 V)
step-down
Vo1
(1.8 V)
OUT2-2
OUT1-1
OUT1-2
Drive2-2
N-ch
P-ch
N-ch
<< CH1 >>
<< CH2 >>
CTL
VCC
(Vcc-5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com