Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C011A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB39C011A
Description  2ch DC/DC Converter IC with Synchronous Rectification Datasheet
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB39C011A Datasheet HTML 5Page - Cypress Semiconductor MB39C011A Datasheet HTML 6Page - Cypress Semiconductor MB39C011A Datasheet HTML 7Page - Cypress Semiconductor MB39C011A Datasheet HTML 8Page - Cypress Semiconductor MB39C011A Datasheet HTML 9Page - Cypress Semiconductor MB39C011A Datasheet HTML 10Page - Cypress Semiconductor MB39C011A Datasheet HTML 11Page - Cypress Semiconductor MB39C011A Datasheet HTML 12Page - Cypress Semiconductor MB39C011A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Document Number: 002-08369 Rev. *B
Page 9 of 53
MB39C011A
(Continued)
(Ta
= +25˚C, VCC = 12 V)
[1] : Standard design value
Parameter
Symbol
Pin No.
Condition
Value
Unit
Min
Typ
Max
Output Block[Drive1 to
2]
Output source
current
ISOURCE
2, 15
OUT1-1
= 7 V
OUT2-1
= 7 V
Duty
≤ 5%
-
− 500[1]
-
mA
3, 14
VB
= VCC = 5 V
OUT1-2
= 0 V
OUT2-2
= 0 V
Duty
≤ 5%
Output sink current
ISINK
2, 15
VCC
= 5 V,
At connect VH-GND
OUT1-1
= 5 V
OUT2-1
= 5 V
Duty
≤ 5%
-
500[1]
-
mA
3, 14
OUT1-2
= 5 V
OUT2-2
= 5 V
Duty
≤ 5%
Output on resistor
ROH
2, 3,
14, 15
OUT1-1, OUT1-2,
OUT2-1, OUT2-2
= − 45
mA
-
4.0
6.0
Ω
ROL
2, 15
OUT1-1, OUT2-1
= 45
mA
-
4.0
6.0
Ω
3, 14
OUT1-2, OUT2-2
= 45
mA
-
2.6
3.9
Ω
Dead time
td
2, 3,
14, 15
OUT1-1, OUT2-1 : H→L
OUT1-2, OUT2-2 : H→L
20
40
80
ns
OUT1-1, OUT2-1 : L →H
OUT1-2, OUT2-2: L →H
Control Block
CTL input voltage
VIH
13
IC active mode
2
-
17
V
VIL
13
IC standby mode
0
-
0.8
V
Input current
ICTLH
13
CTL
= 5 V
-
50
100
μA
ICTLL
13
CTL
= 0 V
--
1
μA
General
Standby current
ICCS
1CTL
= 0 V
-
010
μA
Power supply
current
ICC
1CTL
= 5 V
-
2.2
3.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com