Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 7Page - OSRAM GmbH SFH7779 Datasheet HTML 8Page - OSRAM GmbH SFH7779 Datasheet HTML 9Page - OSRAM GmbH SFH7779 Datasheet HTML 10Page - OSRAM GmbH SFH7779 Datasheet HTML 11Page - OSRAM GmbH SFH7779 Datasheet HTML 12Page - OSRAM GmbH SFH7779 Datasheet HTML 13Page - OSRAM GmbH SFH7779 Datasheet HTML 14Page - OSRAM GmbH SFH7779 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Version 1.2
SFH 7779
2016-04-25
11
Resolution of the digital output signal based on
gain settings for ALS VIS:
MODE_CONTROL (0x41h) = 08h 
tint ALS = 100ms
Gain X1
Gain X2
Gain X 64
Gain X 128
High sensitive mode:
MODE_CONTROL (0x41h) = 0Ah 
tint ALS = 400ms
Gain X 128
(VDD = 2.5V; white LED)
- Gain settings at ALS_PS_CONTROL (0x42h)
ALSVIS_out
1.1
0.55
0.018
0.009
0.002
lx/count
Typical temperature coefficient for ALS
measurement
(1000lx; white LED; VDD = 2.5V)
TCEv
0.2
%/K
Mean current consumption
((MODE_CONTROL (0x41h) = 08h)
(other registers are in default)
I
DD
90
150
µA
Typical error by Flicker noise 
(caused by bulbs (f=50 or 60Hz) or fluorescent
lamps)
3%
Parameter
Symbol
Value
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com