Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 27Page - OSRAM GmbH SFH7779 Datasheet HTML 28Page - OSRAM GmbH SFH7779 Datasheet HTML 29Page - OSRAM GmbH SFH7779 Datasheet HTML 30Page - OSRAM GmbH SFH7779 Datasheet HTML 31Page - OSRAM GmbH SFH7779 Datasheet HTML 32Page - OSRAM GmbH SFH7779 Datasheet HTML 33Page - OSRAM GmbH SFH7779 Datasheet HTML 34Page - OSRAM GmbH SFH7779 Datasheet HTML 35Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Version 1.2
SFH 7779
2016-04-25
33
Barcode-Product-Label (BPL)
Dry Packing Process and Materials
Note:
Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet. Here you will also find the normative
references like JEDEC.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
LE
X
X
PLE
LLXX
234.1234 X
X-X-X
LLLLLL
PL
XXX
XXX
12
123
XX
XX
MPL
XX
X
X_X123_1
XX-XX
MPL
Pack: RX
Pack: RX
DEMY
DEMY
MP
4
MP
AMP
M
M
M
AM
M
AM
M
D) D/C
D) D/C
234
234
M
M
M
M
M
3
PL
Pack: R
DEMY
AM
M
M
AM
AM
D/
MP
M
M
M
:
123
AM
AM
AAM
(9D
XAAA
XAA
XA
XXA
X
EXA
EX
EX
EXXXXA
XX
EX
EXX
7890
7890
EXXXXXX
EX
EXA
EEEX
EX
EEXX
EEX
EEX
EX
EX
:
1234567
r
EEEEEEEEE
NO:
NO:
234
234
EX
ors
ors
XA
X
890
X
RX
DEMY
12
D) D/C:
234
(
7890
NO:
234
po
XXX
_123
XX-
Pack: R
DEMY
tors
OHA00539
OS
RAM
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSR
AM
M
o
is
tu
re
Le
v
e
l 3
F
lo
o
r
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
v
e
l
6
F
lo
or
ti
m
e
6
H
o
u
rs
a
)
H
u
m
id
it
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t
2
3
˚
C
±
5
˚C
, o
r
re
flo
w
,
v
a
p
o
r-
ph
a
se
refl
ow
,
o
r
e
q
u
iv
a
le
n
t
p
ro
ce
s
si
n
g
(p
e
a
k
p
a
c
k
a
g
e
2
.
A
ft
er
th
is
b
a
g
i
s
o
p
e
n
e
d
,
d
e
vi
c
e
s
th
a
t w
ill
b
e
s
u
b
je
c
te
d
to
in
fr
a
re
d
1
.
S
h
e
lf
life
in
s
e
a
le
d
b
a
g
:
2
4
mo
n
th
s
a
t
<
4
0
˚C
a
n
d
<
9
0
%
re
la
ti
v
e
h
u
mi
d
it
y
(R
H).
M
o
is
tu
re
L
e
ve
l
5
a
a
t
fa
c
to
ry
c
o
n
d
it
ion
s
o
f
(i
f
b
la
n
k
,
s
e
a
l d
a
te
i
s
i
d
e
n
ti
ca
l wi
th
d
a
te
co
d
e
).
a
)
M
o
u
n
ted
wi
th
in
b
)
S
to
re
d
a
t
b
o
dy
te
m
p
.
3
.
D
e
v
ic
e
s
re
qu
ir
e
b
a
k
in
g
,
b
e
fo
re
m
o
u
n
ti
n
g
,
if
:
B
a
g
s
e
a
l d
a
te
M
o
is
tu
re
L
e
v
e
l
1
M
o
is
tu
re
L
e
ve
l 2
M
o
is
tu
re
L
e
v
e
l
2
a
4
.
If
b
a
k
in
g
is
re
q
u
ir
e
d
,
b
)
2
a
or
2
b
is
n
o
t
m
e
t.
D
a
te
a
n
d
ti
me
o
p
e
n
e
d
:
re
fe
re
n
ce
I
PC
/J
E
D
E
C
J
-S
T
D
-0
33
fo
r
b
a
k
e
p
ro
c
e
d
u
re
.
Fl
o
o
r
ti
m
e
s
e
e
b
e
lo
w
If
b
la
n
k,
se
e
b
a
r
c
o
d
e
la
b
e
l
F
lo
o
r
tim
e
>
1
Ye
a
r
Fl
o
or
tim
e
1
Y
e
a
r
F
lo
o
r
tim
e
4
We
e
k
s
1
0
%
R
H
.
_
<
M
o
is
tu
re
L
ev
e
l 4
M
o
is
tu
re
L
e
v
e
l
5
˚C
).
OP
T
O
S
EM
IC
O
ND
U
C
TO
R
S
M
OI
S
T
U
RE
S
E
N
S
IT
IV
E
T
hi
s
b
ag
co
n
ta
in
s
C
A
U
T
IO
N
F
lo
o
r
ti
m
e
7
2
H
o
u
rs
F
lo
o
r
tim
e
4
8
H
o
u
rs
Fl
o
o
r
ti
m
e
2
4
H
o
u
rs
3
0
˚
C
/6
0
%
R
H.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
ee
b
a
r
co
d
e
la
b
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com