Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 16Page - OSRAM GmbH SFH7779 Datasheet HTML 17Page - OSRAM GmbH SFH7779 Datasheet HTML 18Page - OSRAM GmbH SFH7779 Datasheet HTML 19Page - OSRAM GmbH SFH7779 Datasheet HTML 20Page - OSRAM GmbH SFH7779 Datasheet HTML 21Page - OSRAM GmbH SFH7779 Datasheet HTML 22Page - OSRAM GmbH SFH7779 Datasheet HTML 23Page - OSRAM GmbH SFH7779 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
2016-04-25
20
Version 1.2
SFH 7779
.
R/W-Register 0x41
Bit
7
6
5
4
3
2
1
0
Repetition /
Integration
time
Repetition time
Reserved PS operating mode
ALS
PS
default
0 normal mode
0000
standby
standby
0 normal mode
0000
standby
standby
1 twice mode
0001
standby
10ms
0010
standby
40ms
0011
standby
100ms
0100
standby
400ms
0101
100ms / 100ms
standby
0110
100ms / 100ms
100ms
0111
100ms / 100ms
400ms
1000
400ms / 100ms
standby
1001
400ms / 100ms
100ms
1010
400ms / 400ms standby
1011
400ms / 400ms 400ms
1100
50ms / 50ms
50ms
Rest forbidden
ALS_PS_CONTROL register (0x42h)
ALS and PS Control of set the PS output mode, the ALS gain and the LED current. In the „Infrared DC
level output“ PS mode (bit <6> = 1) the sensor measures the infrared DC ambient level. The proximity
value of the reflected signal is not available in this mode.
R/W-Register 0x42
Bit
7
6
5 4 3 2
1
0
Reserved
(read only)
PS output
ALS Gain for ALS VIS and ALS
IR
LED current
ALS VIS
ALS PS
default
write 0
0 proximity output
0000
X1
X1
11 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com