Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 22Page - OSRAM GmbH SFH7779 Datasheet HTML 23Page - OSRAM GmbH SFH7779 Datasheet HTML 24Page - OSRAM GmbH SFH7779 Datasheet HTML 25Page - OSRAM GmbH SFH7779 Datasheet HTML 26Page - OSRAM GmbH SFH7779 Datasheet HTML 27Page - OSRAM GmbH SFH7779 Datasheet HTML 28Page - OSRAM GmbH SFH7779 Datasheet HTML 29Page - OSRAM GmbH SFH7779 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
2016-04-25
26
Version 1.2
SFH 7779
ALS_VIS_TL_LSBs register (0x51h)
LSB for the ALS VIS threshold „LOW“.
R/W-Register 0x51
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
0
0
0
0
0
0
0
0
ALS_VIS_TL_MSBs register (0x52h)
MSB for the ALS VIS threshold „LOW“.
R/W-Register 0x52
Bit
7
6
5
4
3
2
1
0
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
default
0
0
0
0
0
0
0
0
INT modes
The Interrupt function compares ALS and PS measurement values with the current interrupt threshold
level. PS and ALS VIS Interrupt status is readable via register 0x4Ah or at the INT pin of the sensor.
The Interrupt persistence function is only valid for PS measurements and is defined at register (0x43h).
The INT pin of the SFH 7779 is an open drain output and should be pulled-up to V
I/O by an external
resistor. When VDD is supplied to the sensor the INT pin is per default in high ohmic (inactive) state.
The INT status becomes inactive by writing an INT reset command, reading the INT status register or
performing a software reset.
The INT status stays in its last state when the sensor is set to the standby mode. In the INT active state
„low“ the sensor consumes ~25µA extrra current. Therefore OSRAM recommends to set the INT state
to high impedance before setting the sensor in standby mode.
Below the ALS and PS INT modes are described for the unlatched mode. In latched mode the switching
back to the „inactive“ INT state is depending on an interrupt reset or on reading out the INT status reg-
ister.
ALS INT mode:
The ALS VIS threshold levels high (register 0x4Fh & 0x50h) and low (register 0x4Fh & 0x50h)
are only valid for the ALS VIS measurement values. The ALS VIS INT mode is fixed and can not
be adapted via register. The thresholds define a window with the following functionality:
ALS INT is active, if the ALS VIS measurement values are outside the window
ALS INT is inactive, if the ALS VIS measurement results are inside the window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com