Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 27Page - OSRAM GmbH SFH7779 Datasheet HTML 28Page - OSRAM GmbH SFH7779 Datasheet HTML 29Page - OSRAM GmbH SFH7779 Datasheet HTML 30Page - OSRAM GmbH SFH7779 Datasheet HTML 31Page - OSRAM GmbH SFH7779 Datasheet HTML 32Page - OSRAM GmbH SFH7779 Datasheet HTML 33Page - OSRAM GmbH SFH7779 Datasheet HTML 34Page - OSRAM GmbH SFH7779 Datasheet HTML 35Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
2016-04-25
34
Version 1.2
SFH 7779
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
195 ± 5
195 ± 5
42 ± 5
OHA02044
OS
RA
M
Packing
Sealing label
Barcode label
M
o
is
tu
re
L
ev
e
l
3
Fl
o
o
r
tim
e
16
8
H
o
u
rs
Mo
is
tu
re
L
e
ve
l
6
F
loo
r
ti
m
e
6
H
o
u
rs
a
)
H
u
mi
di
ty
I
n
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
en
re
a
d
a
t
2
3
˚C
±
5
˚C
, or
re
fl
o
w,
v
a
p
o
r-
ph
a
s
e
re
fl
o
w
,
o
r
e
q
u
iv
a
le
n
t p
ro
ce
s
s
in
g
(p
e
a
k
p
a
c
k
a
g
e
2
.
A
ft
e
r
thi
s
b
a
g
is
o
p
e
n
e
d
,
d
e
v
ice
s
t
h
a
t
w
ill
b
e
su
b
je
c
te
d
to
inf
ra
re
d
1
.
S
h
e
lf
lif
e
i
n
s
e
a
le
d
b
a
g
: 2
4
m
on
th
s
a
t
<
4
0
˚C
a
n
d
<
9
0
%
rel
a
ti
v
e
h
u
m
id
it
y
(R
H)
.
M
o
is
tu
re
Le
v
e
l
5
a
a
t
fa
c
to
ry
co
n
d
iti
o
n
s
o
f
(i
f
b
la
n
k
,
s
e
a
l
d
a
te
i
s
ide
n
ti
c
a
l
w
it
h
d
a
te
co
d
e)
.
a
) M
o
u
n
ted
w
ith
in
b
)
S
to
red
a
t
b
o
dy
te
m
p
.
3
.
D
ev
ice
s
re
q
u
ir
e
b
a
k
in
g
,
b
e
fo
re
m
o
u
n
ti
n
g
,
if
:
B
a
g
s
e
a
l
d
a
te
M
oi
s
tu
re
L
e
v
e
l
1
Mo
is
tu
re
L
e
ve
l
2
M
o
is
tu
re
L
e
v
e
l
2
a
4.
If
b
a
king
is
re
q
u
ire
d
,
b
)
2
a
o
r
2
b
is
n
o
t
me
t.
D
a
te
a
nd
ti
m
e
op
e
n
ed
:
ref
e
ren
c
e
IP
C
/J
ED
EC
J-
S
TD
-0
33
fo
r
b
a
k
e
pr
o
c
e
d
u
re.
F
lo
o
r
ti
me
s
e
e
b
e
lo
w
If
b
la
n
k
,
s
e
e
b
a
r
co
d
e
la
b
e
l
Fl
o
o
r t
im
e
>
1
Y
e
a
r
F
lo
o
r
ti
m
e
1
Ye
a
r
F
lo
or
ti
m
e
4
W
e
e
k
s
1
0
%
R
H.
_
<
M
oi
s
tu
re
Le
v
e
l
4
Mo
is
tu
re
L
e
v
e
l
5
˚C
).
O
PT
O
S
E
M
IC
O
N
D
U
CT
OR
S
MO
IS
TUR
E
S
EN
S
ITI
V
E
T
h
is
ba
g
co
nt
ai
n
s
CA
U
T
IO
N
F
loo
r t
im
e
72
H
o
u
rs
F
lo
o
r
ti
me
4
8
H
o
u
rs
F
lo
or
ti
me
2
4
H
o
u
rs
3
0
˚C
/6
0
%
RH
.
_
<
LE
V
EL
If
b
la
n
k
,
se
e
b
a
r
c
o
d
e
la
b
e
l
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com