Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 18Page - OSRAM GmbH SFH7779 Datasheet HTML 19Page - OSRAM GmbH SFH7779 Datasheet HTML 20Page - OSRAM GmbH SFH7779 Datasheet HTML 21Page - OSRAM GmbH SFH7779 Datasheet HTML 22Page - OSRAM GmbH SFH7779 Datasheet HTML 23Page - OSRAM GmbH SFH7779 Datasheet HTML 24Page - OSRAM GmbH SFH7779 Datasheet HTML 25Page - OSRAM GmbH SFH7779 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
2016-04-25
22
Version 1.2
SFH 7779
PS_DATA_LSBs register (0x44h)
LSB of the PS output.
R-Register 0x44
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default 0
0
0
0
0
0
0
0
PS_DATA_MSBs register (0x45h)
MSB of the PS output.
R-Register 0x45
Bit
7
6
5
4
3
2
1
0
not used
not used
not used
not used
2
11
2
10
2
9
2
8
default
0
0
0
0
0
0
0
0
0000 Interrupt becomes active after each measurement
(The mode indicates that a PS or ALS measurement has been finished and can
be read via the register. It is independent of the ALS & PS measurement value
and threshold settings)
0001 Interrupt status is updated after each measurement
(The interrupt status is updated independently after each measurement.
Active
or
Inactive status of the interrupt is depending on the values of the last
measurement in combination with the interrupt settings :“interrupt mode“
(register 0x4Ah) and „thresholds“ register 0c4Ch and following.)
0010 Interrupt status is updated if two consecutive threshold
judgement are the same
(The interrupt status only changes if the interrupt judgement of 2 consecutive
measurement results are the same and different to the current interrupt status.)
0011 ... 1111 Interrupt status is updated if threshold judgement are
the same over consecutive set times (3 .. 15)
(This is the same procedure like in the 0010 persistence mode, but instead of
2 consecutive threshold judgments more are needed (3 to 15 depending on the
setting) to change the interrupt status.)
e.g.:
1010: 10 measurement results in a row need to fulfill the interrupt judgement to
update the interrupt status
R/W-Register 0x43
Bit
7
6
5
4
3
2
1
0
Reserved (read only) Persistence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com