Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button SFH7779 Datasheet HTML 27Page - OSRAM GmbH SFH7779 Datasheet HTML 28Page - OSRAM GmbH SFH7779 Datasheet HTML 29Page - OSRAM GmbH SFH7779 Datasheet HTML 30Page - OSRAM GmbH SFH7779 Datasheet HTML 31Page - OSRAM GmbH SFH7779 Datasheet HTML 32Page - OSRAM GmbH SFH7779 Datasheet HTML 33Page - OSRAM GmbH SFH7779 Datasheet HTML 34Page - OSRAM GmbH SFH7779 Datasheet HTML 35Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
2016-04-25
32
Version 1.2
SFH 7779
Tape and Reel
12 mm tape with 2000 pcs. on
∅ 180 mm reel
Dimensions in mm
Tape Dimensions [mm]
W
P
0
P
1
P
2
D
0
E
F
12 +0.3 / -0.1
4 ±0.1
4 ±0.1
2 ±0.05
1.5 ±0.1
1.75 ±0.1
5.5 ±0.05
Reel Dimensions [mm]
A
W
N
min
W
1
W
2max
180
12
60
12.4 +2
18.4
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com