Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 22Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 23Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 24Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 25Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 14
Full-Duplex Mode
Document
5220-DS04-405-R
FULL-DUPLEX MODE
The BCM5220 supports full-duplex operation. While in full-duplex mode, a transceiver can simultaneously transmit and
receive packets on the cable. The COL signal is never activated when in full-duplex mode. The CRS output is asserted only
during receive packets, not transmit packets.
By default, the BCM5220 powers up in half-duplex mode. When auto-negotiation is disabled, full-duplex operation can be
enabled either by FDX pin control or by an MII register bit (register 0, bit 8).
When auto-negotiation is enabled in DTE mode, full-duplex capability is advertised by default, but can be overridden by a
write to the Auto-Negotiation Advertisement register (04h).
One of the LED outputs can be modified to signal full-duplex versus half-duplex operation. This capability is enabled by
setting MII register 1Ah, bit 15. In this mode, XMTLED# becomes FDXLED#, where a 1 output indicates half-duplex and a
0 output indicates full-duplex. This value is the inverse of MII register 18h, bit 0. When the FDXLED mode is activated, the
RCVLED# becomes ACTLED#.
100BASE-FX MODE
For 100BASE-FX mode, the BCM5220 transceiver interfaces with an external 100BASE-FX fiber-optic driver and receiver
instead of the magnetics module used with twisted-pair cable. The differential transmit and receive data pairs operate at
PECL voltage levels instead of those required for twisted-pair transmission. The data stream is encoded using two-level
NRZI instead of three-level MLT3. Since scrambling is not used in 100BASE-FX operation, the stream cipher function is
bypassed.
The external fiber-optic receiver detects signal status and passes it into the BCM5220 through the SD
± pins. The SD± pins
select the 100BASE-FX mode.
10BASE-T MODE
The same magnetics module used in 100BASE-TX mode can be used to interface to the twisted-pair cable when operating
in 10BASE-T mode. The data is two-level Manchester encoded instead of three-level MLT3, and no scrambling/
descrambling or 4B5B coding is performed. Data and clock rates are decreased by a factor of 10, with the MII interface
signals operating at 2.5 MHz.
10BASE-T SERIAL MODE
The BCM5220 supports 10BASE-T serial mode, also known as the 7-wire interface. In this mode, 10BASE-T transmit and
receive packets appear at the MII in serial fashion, at a rate of 10 MHz. Receive packet data is output on RXD (0)
synchronously with RXC. Transmit packet data must be input on TXD (0) synchronously with TXC. Both clocks toggle at
10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com