Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 40 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 40 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 36Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 37Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 38Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 39Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 40Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 41Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 42Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 43Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 44Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 28
MII Status Register
Document
5220-DS04-405-R
PHY IDENTIFIER REGISTERS
The physical identifier registers bit descriptions are shown in Table 11.
Broadcom Corporation has been issued an Organizationally Unique Identifier (OUI) by the IEEE. It is a 24-bit number, 00-
10-18, expressed as hex values. That number, along with the Broadcom Model Number for the BCM5220 part, 1Eh, and
Broadcom Revision number, 0h for the A0 is placed into two MII registers. The translation from OUI, Model Number and
Revision Number to PHY Identifier register occurs as follows:
•
PHYID HIGH [15:0] = OUI[21:6]
•
PHY LOW [15:0] = OUI[5:0] + MODEL[5:0] + REV[3:0]
The 2 most significant bits of the OUI are not represented (OUI[23:22]).
Table 11 shows the result of concatenating these values to form MII Identifier registers PHYID HIGH and PHYID LOW.
Table 11: PHY Identifier Registers (Addresses 00010 and 00011b, 02 and 03b, 02 and 03h)
Bit
Name
R/W
Description
Value
15:0
MII Address 02h
RO
PHYID HIGH
0040h
15:0
MII Address 03h
RO
PHYID LOW
61E0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com