Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 80 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 80 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 77Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 78Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 79Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 80Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 81Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 82Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 83Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 84Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 68
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
Management data interface timing parameters are described in Table 49. Figure 14 and Figure 15 illustrate two types of
management interface timing.
Figure 14: Management Interface Timing
Figure 15: Management Interface Timing (with Preamble Suppression On)
Table 49: Management Data Interface Timing
Parameter
Symbol
Min
Typ
Max
Unit
MDC Cycle Time
40
ns
MDC High/Low
20
ns
MDC Rise/Fall Time
10
ns
MDIO Input Setup Time to MDC rising
10
ns
MDIO Input Hold Time from MDC rising
10
ns
MDIO Output Delay from MDC rising
0
30
ns
MDIO (From BCM5220)
MDC
MDC_FALL
MDIO_HOLD
MDIO_SETUP
MDC_RISE
MDC_CYCLE
MDIO_SETUP
MDIO_HOLD
MDIO_DELAY
MDIO (Into BCM5220
)
MDC
SKIP
SKIP
D0
D1
Hi-Z (PHY Pull-UP)
IDLE
S
T
MDIO
Start of MDC/MDIO Cycle
End of MDC/MDIO Cycle
Note: Must wait two MDC clock cycles between MDIO commands when
preamble suppression is activated (MII register 1, Bit 6 set to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com