Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 15Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 16Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 17Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 18Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 19Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 20Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 21Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 22Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
MII Management
Page 7
Sec t io n 2 : H a rdwa re Si gn al Defi ni ti on Ta ble
Table 3 provides the pin descriptions for the BCM5220.
Table 3: Pin Descriptions
5220KPB 5220KPT
Pin Label
Type
Description
MEDIA Connections
H4
G4
26
25
RD+
RD
−
I
Receive Pair. Differential data from the media is received on the
RD
± signal pair.
H5
G5
31
30
TD+
TD
−
O
Transmit Pair. Differential data is transmitted to the media on
the TD
± signal pair.
Clock
D1
C1
6
5
XTALI
XTALO
I
O
Crystal Input, Output for MII Mode Only. If these pins are used,
then REF_CLK must be left open. A 25-MHz, parallel-resonant
crystal can be connected between these pins. Accuracy of the
crystal is ± 50 ppm. Connect an appropriate value capacitor from
each pin to GND. Whenever REF_CLK pin is used, ground
XTALI pin and leave XTALO pin unconnected.
B1
4
REF_CLK
IPD
MII 25-MHz Reference Clock Input. Whenever REF_CLK pin is
used, ground XTALI pin and leave XTALO pin unconnected. This
pin must be driven with a continuous 25-MHz clock. Accuracy is
+/-50 ppm, with a duty cycle between 35% and 65% inclusive.
This pin must be left unconnected when using pins XTALI and
XTALO.
MII Interface
B6
53
TXC
O3S
Transmit Clock. 25-MHz output in 100BASE-X mode and 2.5
MHz in 10BASE-T MII mode. 10-MHz output in 10BASE-T serial
mode. This clock is a continuously driven output, generated from
the XTALI input.
B4
B5
A4
A5
60
59
58
57
TXD3
TXD2
TXD1
TXD0
IPD
MII Transmit Data Input. Nibble-wide transmit data stream is
input on these pins synchronous with TXC. TXD[3] is the most
significant bit. Only TXD0 is used in 10BASE-T serial mode.
A6
56
TXEN
IPD
MII Transmit Enable. Active high. Indicates that the data nibble
on TXD[3:0] is valid.
A7
52
TXER
IPD
MII Transmit Error. An active high input is asserted when a
transmit error condition is requested by the MAC.
B7
50
RXC
O3S
MII Receive Clock. 25-MHz output in 100BASE-X MII mode and
2.5-MHz output in 10BASE-T mode. 10-MHz output in 10BASE-
T serial mode. This clock is recovered from the incoming data on
the cable inputs. RXC is a continuously running output clock
resynchronized at the start of each incoming packet. This
synchronization may result in an elongated period during one
cycle while RXDV is low.
E8
D8
C8
B8
43
44
47
48
RXD3
RXD2
RXD1
RXD0
O3S
MII Receive Data Outputs. Nibble-wide receive data stream is
driven out on these pins synchronous with RXC. RXD[3] is the
most significant bit. Only RXD0 is used in 10BASE-T serial
mode.
[MSB:LSB]; # = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD = open-drain
output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com