Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 67 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 67 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 63Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 64Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 65Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 66Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 67Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 68Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 69Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 70Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 71Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Multiple PHY Register
Page 55
AUXILIARY STATUS 2 REGISTER (SHADOW REGISTER)
MLT3 Detected
The BCM5220 returns a 1 in this bit whenever MLT3 signaling is detected.
APD Enable
When in normal mode, if this bit set to a 1, the BCM5220 enters auto power down mode. If this bit is set, the BCM5220 enters
low power mode whenever the link is lost. When energy is detected the device enters full power mode. Otherwise, it wakes-
up after 2.5s or 5.0s, as determined by the APD Sleep Timer bit. When the BCM5220 wakes up, it sends link pulses and
monitors energy. If the link partner’s energy is detected then the BCM5220 enters full power mode and establishes a link
with the Link partner. If no energy is detected from the link partner, it continues to stay in wake-up mode for a duration
determined by the APD Wake-up Timer before going to low power mode.
APD Sleep TImer
This bit determines how long the BCM5220 stays in low power mode before wake-up. If this bit is a 0, then it waits
approximately 2.5s before wake-up, else 5s.
APD Wake-up TImer [3:0]
This counter determines how long the BCM5220 stays up in wake-up mode before going to low-power mode. This value is
specified in 40-ms increments from 0 to 600 ms. A value of 0 forces the BCM5220 to stay in low-power mode indefinitely. In
this case the BCM5220 requires a hard reset to return to normal mode.
Table 32: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh)
BIt
Name
R/W
Description
Default
15
MLT3 Detected
R/O
1 = MLT3 Detected
0h
14:6
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/O
000h
5
APD Enable
R/W
0 = Normal mode
1 = Enable auto power down mode
0
4
APD Sleep Timer
R/W
0 = 2.5 sec sleep before wake-up
1 = 5.0 sec sleep before wake-up
0
3:0
APD Wake-up Timer [3:0]
R/W
Duration of wake-up
0001
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s). MII Shadow register bank 1 is accessed
by setting MII register 1Fh bit 7 to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com