Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 32Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 33Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 34Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Media Independent Interface (MII) Management Interface: Register Programming
Page 19
Turnaround (TA)
The next two bit times are used to avoid contention on the MDIO pin when a read operation is performed. For a write
operation, 10 must be sent to the chip during these two bit times. For a read operation, the MDIO pin must be placed into
high-impedance during these two bit times. The chip drives the MDIO pin to 0 during the second bit time.
Data
The last 16 bits of the frame are the actual data bits. For a write operation, these bits are sent to the BCM5220. For a read
operation, these bits are driven by the BCM5220. In either case, the MSB is transmitted first.
When writing to the BCM5220, the data field bits must be stable 10 ns before the rising-edge of MDC, and must be held valid
for 10 ns after the rising edge of MDC. When reading from the BCM5220, the data field bits are valid after the rising edge of
MDC until the next rising edge of MDC.
Idle
A high-impedance state of the MDIO line. All drivers are disabled and the PHY’s pull-up resistor pulls the line high. At least
one or more clocked idle states are required between frames. Following are two examples of MII write and read instructions.
To put a chip with PHY address 00001 into loopback mode, the following MII write instruction must be issued:
1111 1111 1111 1111 1111 1111 1111 1111 0101 00001 00000 10 0100 0000 0000 0000 1...
To determine whether a PHY is in the link pass state, the following MII read instruction must be issued:
1111 1111 1111 1111 1111 1111 1111 1111 0110 00001 00001 ZZ ZZZZ ZZZZ ZZZZ ZZZZ 1...
For the MII read operation, the BCM5220 drives the MDIO line during the TA and Data fields (the last 17 bit times). A final
65th clock pulse must be sent to close the transaction and cause a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com