Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS01-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # 5220-DS01-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 24Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 25Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 16
Energy Detection
Document
5220-DS04-405-R
INTERRUPT MODE
The BCM5220 can be programmed to provide an interrupt output. Three conditions can cause an interrupt to be generated:
changes in the duplex mode, changes in the speed of operation or changes in the link status. The interrupt feature is disabled
by default. When the interrupt capability is enabled by setting MII register 1Ah, bit 14, the XMTLED# pin becomes the INTR#
pin and the RCVLED# pin becomes an activity pin named ACTLED#. The INTR# pin is open-drain and can be wire-ORed
with INTR# pins of other chips on a board. The status of each interrupt source is reflected in register 1Ah, bits 1, 2 and 3. If
any type of interrupt occurs, the Interrupt Status bit, register 1Ah, bit 0, is set.
The Interrupt register (1Ah) also contains several bits to control different facets of the interrupt function. If the interrupt enable
bit is set to 0, no status bits are set and no interrupts are generated. If the interrupt enable bit is set to 1, the following
conditions apply:
•
If mask status bits (bits 9,10,11) are set to 0 and the interrupt mask (bit 8) is set to 0, status bits and interrupts are
available.
•
If mask status bits (bits 9,10,11) are set to 0 and the interrupt mask (bit 8) is set to 1, status bits are set but no interrupts
generated.
•
If any mask status bit is set to 1 and the interrupt mask is set to 0, that status bit is not set and no interrupt of that type
is generated.
•
If any mask status bit is set to 1 and the interrupt mask is set to 1, that status bit is not set and no interrupt of any kind is
generated.
ENERGY DETECTION
An on-chip energy detection circuit can determine when a link partner is connected to the end of the transmission media.
The circuit monitors the receive inputs for any type of energy, including 10BASE-T, 100BASE-TX or 100BASE-FX packets,
and 10BASE-T or auto-negotiation link pulses. When energy is detected on the receive inputs for longer than 1.3 ms, the
ENERGYDET output is asserted. If all traces of energy disappear for longer then 1.3s, it is assumed that the link partner has
disconnected, and the ENERGYDET output is deasserted. The energy detection circuit is operational in both full power and
some of the low power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com