Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 23Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 24Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 26Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 27Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 28Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 29Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 30Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 19
u16 operation_type; /* ModInv (0x48)*/
u16 reserved;
u16 modulus_length; /* Modulus N Length in bits */
u32 N[(modulus_length <= 512)? 16 : (modulus_length <= 768)? 24 : 32]; /* Modulus N */
u32 E[(modulus_length + 31)/32]; /* Exponent (N-2) */
} ModInv_CtxCmdBuf;
/* Master command record */
typedef struct MasterCmd_struct {
u16 numKeysetup; /* Number of Key setups in this MCR*/
u16 flags; /* Completion/error status from chip, per MCR */
/* flags[0] = 1 if processing of the MCR is finished
0 otherwise
flags[1] = 1 if an error occurred
0 if no error occurred
flags[7:2]: reserved
flags[15:8] = error code if an error occurred (i.e. flags[1] == 1),
undefined otherwise
*/
/*
* Following 5 fields occur once per key setup in the MCR
*/
uint firstKeySetupCMDAddr;
DataBufChain firstKeySetupData; /* First descriptor for input key setup data */
u16 reserved;
u16 dLength; /* Total length of the input data for the first key setup */
DataBufChain firstOutputData; /* First descriptor for output key setup data */
/*
* Followed by as many sets of above 5 fields as there
* are key setups in this MCR
*/
} MasterCmd;
------------------------------------------------------------------------------------------
PICTORIAL ILLUSTRATIONS OF MEMORY STRUCTURES
The tables below illustrate memory-based structures used for CPU to chip communication. Fields in quotes refer to structure
names from the description on the previous pages.
IPsec ESP and AH (Bulk Encryption and Authentication) Processing
Data Buffer Chain Entries. This structure is used to build up a linked list of data buffers for every input and output packet.
Each entry in the linked list points at a data buffer that contains actual packet data, a next field that points to the next
descriptor entry in the linked list, and a length field that contains the number of bytes stored in the data buffer.
Table 4:
Data Buffer Chain Entries
MSB
LSB
31 30
29 28
27 26
25
24 23
22 21
20 19
18
17 16
15
14 13
12 11
10 9
876
5432
10
Data Buffer Address dataAddr
Next entry in linked list of data buffers next
Reserved
Data buffer length dataLen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com