Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 35 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 31Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 32Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 35Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 36Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 37Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 38Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 27
Table 14:
DSA Verification Command Context
Table 15:
RNG Direct Test Command Context
Table 16:
RNG-SHA1 Test Command Context
MSB
LSB
31
30 29 28 27 26 25 24 23
22 21 20 19 18
17 16 15 14 13
12 11 10 9876
54321
0
Operation Type
DSA verification operation (0x06)
Total Command Context Structure Length
Reserved
Message Hash provided/generated
Modulus p Length
Reserved
Modulus q (160 bits, lowest word)
Modulus q (160 bits, 2nd lowest word)
……
Modulus q (160 bits, highest word)
Modulus p (512, 768, or 1024 bits, lowest word)
Modulus p (512, 768, or 1024 bits, 2nd lowest word)
……
Modulus p (512, 768, or 1024 bits, highest word)
Base g (lowest word of key)
Base g (2nd lowest word of key)
……
Base g (highest word of key)
Public key y (512, 768, 1024 bits, lowest word)
Public key y (512, 768, 1024 bits, 2nd lowest word)
……
Public key y (512, 768, 1024 bits, highest word)
MSB
LSB
31
30 29
28 27
26
25 24 23
22 21
20
19 18
17 16
15 14
13
12 11
10 9
8
7
6
5
4
3
2
1
0
Operation Type
RNG Direct Test Operation (0x41)
Total Command Context Structure Length
(minimum length is 64 bytes)
MSB
LSB
31 30 29 28 27 26 25 24 23
22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Operation Type
RNG-SHA1 Test Operation (0x42)
Total Command Context Structure Length
(minimum length is 64 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com